Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFW2805S/ES Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MFW2805S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2805S/ES Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MFW2805S/ES Datasheet HTML 1Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 2Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 3Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 4Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 5Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 6Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 7Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 8Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PIN OUT
B4-7
MFW SERIES
70 WATT
DC/DC CONVERTERS
Squared corner indicates pin one.
BOTTOM VIEW
MFW
12
3
4
5
6
7
8
9
10
FIGURE 2: PIN OUT
MODEL NUMBERING KEY
MFW
28 512 T / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual, T = triple)
(Main and Aux. Vout for triple models)
(Standard screening has no designator
in this position.)
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
Case Ground
Case Ground
Case Ground
3
Input Common
Input Common
Input Common
4
Inhibit/Sync In
Inhibit/Sync In
Inhibit/Sync In
5
Negative Sense
Negative Output
Negative Aux. Output
6
Positive Sense
Positive Output
Positive Aux. Output
7, 8
Output Common
Output Common
Output Common
9, 10
Positive Output
No Connection
Main (+5) Output
See Section B8, case L, for dimensions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com