Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFW2805S/ES Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MFW2805S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2805S/ES Datasheet(HTML) 9 Page - Interpoint Corporation Company

  MFW2805S/ES Datasheet HTML 1Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 2Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 3Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 4Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 5Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 6Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 7Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 8Page - Interpoint Corporation Company MFW2805S/ES Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
C2-12
QA SCREENING
85°C PRODUCTS
TEST (85°C Products excluding HR products)
STANDARD
/ES
PRE-CAP INSPECTION
Method 2017
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. B, -55°C to 125°C
no
yes
CONSTANT ACCELERATION
Method 2001, 500 g
no
yes
BURN-IN
96 hours at 70°C ambient (typical)
no
yes
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
yes
HERMETICITY TESTING
Fine Leak, Method 1014, Cond. A
no
yes
Gross Leak, Method 1014, Cond. C
no
yes
Gross Leak, Dip (1 x 10-3)
yes
no
FINAL VISUAL INSPECTION
Method 2009
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
MFW Series
MTW Series
MHE/MLP Series
MHL Series
MRH Series
MTO Series
MSR Series
DCH Series
FM/FMA/FMB EMI Filters
MSF EMI Filter
85°C PRODUCTS
Applies to the following products:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com