Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXF Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # YXF
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXF Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  YXF Datasheet HTML 1Page - RUBYCON CORPORATION YXF Datasheet HTML 2Page - RUBYCON CORPORATION YXF Datasheet HTML 3Page - RUBYCON CORPORATION YXF Datasheet HTML 4Page - RUBYCON CORPORATION YXF Datasheet HTML 5Page - RUBYCON CORPORATION YXF Datasheet HTML 6Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
SERIES
YXF
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
 (6.3wv∼100wv)
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼250V.DC
±20%(20℃,120Hz)
6.3wv∼100wv
I
=0.01CV or 3μA whichever is greater. 
  (After 2 minutes)
I
=Leakage Current(μA)
C=Rated Capacitance(μF)
  
V=Rated Voltage(V)
  
Rated Voltage
(V)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
0.12
160
0.12
200
0.12
250
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.(160wv to 250wv:±20%)
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
 (160wv∼250wv)
Frequency
(Hz)
Coefficient
(20℃,120Hz)
(120Hz)
105℃ Long Life. Low impedance.
(Rated Voltage 6.3∼250V.DC)
◆FEATURES
• Load Life : 105℃ 2000∼10000hours.
• Low impedance at 100kHz with selected materials.
Case Dia
φD≧12.5
Life Time
(hrs)
8000
φD=8
6000
φD≦6.3
4000
6.3∼10WV
10000
7000
5000
2000
−
φD=10
6000
7000
2000
−
16∼100WV 160∼250WV
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
8
6.3
6
10
4
16
3
25
3
35
3
50
3
4322222
63
3
2
100
4
3
160
4
3
200
4
3
250
◆PART NUMBER
□□□
Rated Voltage
YXF
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
120
1k
10k
100k≦
0.50
60(50)
0.40
0.75
0.90
1.00
160wv∼250wv
I
=0.04CV + 100μA  (After 1 minute application of rated voltage)
I
=0.02CV + 25μA   (After 5 minutes application of rated voltage)
• RoHS compliance.
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.42
0.60
0.80
1.00
0.47∼10μF
0.55
0.75
0.90
1.00
22∼33μF
0.70
0.85
0.95
1.00
47∼330μF
0.75
0.90
0.98
1.00
470∼1000μF
0.80
0.95
1.00
1.00
2200∼15000μF


Similar Part No. - YXF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
YXF RUBYCON-YXF Datasheet
166Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXF RUBYCON-YXF_15 Datasheet
228Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF_SERIES RUBYCON-YXF_SERIES Datasheet
119Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXF RUBYCON-YXF_V01 Datasheet
166Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - YXF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com