Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXF Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # YXF
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXF Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  YXF Datasheet HTML 1Page - RUBYCON CORPORATION YXF Datasheet HTML 2Page - RUBYCON CORPORATION YXF Datasheet HTML 3Page - RUBYCON CORPORATION YXF Datasheet HTML 4Page - RUBYCON CORPORATION YXF Datasheet HTML 5Page - RUBYCON CORPORATION YXF Datasheet HTML 6Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
100
47
150
0.90
3.6
5×11
220
250
0.40
1.6
6.3×11
330
1.0
470
400
400
0.25
1.0
0.25
0.65
8×11.5
8×11.5
1000
580
0.16
0.30
10×12.5
10×20
2200
1050
0.078
0.16
16×31.5
18×35.5
3300
1650
0.048
0.096
12.5×25
4700
1850
0.034
16×25
6800
2000
0.029
0.087
2200
0.025
0.058
150
0.90
3.6
5×11
150
0.90
3.6
5×11
1.6
6.3×11
250
0.40
1.0
400
0.25
8×11.5
0.46
10×16
770
0.12
0.65
10×12.5
580
0.16
0.21
16×31.5
18×35.5
1300
0.062
12.5×20
16×25
1850
0.034
0.096
2000
0.029
0.087
2200
0.025
0.058
100
47
33
220
330
470
1000
2200
3300
4700
150
0.90
3.6
5×11
1.6
6.3×11
250
0.40
1.0
400
0.25
8×11.5
0.46
10×16
770
0.12
0.30
10×20
1050
0.078
0.65
10×12.5
580
0.16
0.16
16×31.5
18×35.5
1650
0.048
12.5×25
2000
0.029
0.087
2200
0.025
0.058
100
47
33
220
330
470
1000
2200
3300
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
Rated voltage 16V(1C)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated voltage 25V(1E)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated voltage 35V(1V)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com