Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF283R3S Datasheet(PDF) 21 Page - Interpoint Corporation Company

Part # MHF283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF283R3S Datasheet(HTML) 21 Page - Interpoint Corporation Company

Back Button MHF283R3S Datasheet HTML 13Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 14Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 15Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 16Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 17Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 18Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 19Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 20Page - Interpoint Corporation Company MHF283R3S Datasheet HTML 21Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
9
DC/DC CONVERTERS
MHF+ SERIES TRIPLE
15 WATT
TEST
STANDARD
/ES
/883 (Class H)*
PRE-CAP INSPECTION
Method 2017, 2032
yes
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. C, -65°C to 150°C
no
no
yes
Method 1010, Cond. B, -55°C to 125°C
no
yes
no
CONSTANT ACCELERATION
Method 2001, 3000 g
no
no
yes
Method 2001, 500 g
no
yes
no
BURN-IN
Method 1015, 160 hours at 125°C
no
no
yes
96 hours at 125°C case (typical)
no
yes
no
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
HERMETICITY TESTING
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
FINAL VISUAL INSPECTION
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
*883 products are built with element evaluated components and are 100% tested and guaranteed over the full military temperature
range of –55°C to +125°C.
TABLE 1: ENVIRONMENTAL SCREENING
Contact Information:
www.interpoint.com
Interpoint Headquarters USA
Phone:
1-800-822-8782
+425-882-3100
Email:
power@intp.com
Interpoint UK
Phone:
+44-1252-815511
Email:
poweruk@intp.com
Interpoint France
Phone:
+33-134285455
Email:
powerfr@intp.com
21623-002-DTS Rev B This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MHF+ Series is a trademark of Interpoint.
Copyright © 1995 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com