Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MSF-461
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSF-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MSF-461 Datasheet HTML 1Page - Interpoint Corporation Company MSF-461 Datasheet HTML 2Page - Interpoint Corporation Company MSF-461 Datasheet HTML 3Page - Interpoint Corporation Company MSF-461 Datasheet HTML 4Page - Interpoint Corporation Company MSF-461 Datasheet HTML 5Page - Interpoint Corporation Company MSF-461 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
DERATING
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 0 to 40 VDC continuous
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –55°C to +125°C
B5-8
MSF EMI FILTER
0.8 AMP
Input Voltage Range
• 0 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55°C to +85°C full power
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
Capacitance
• 6600 pF max, any pin to case
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
0.01
F
0.001 F
100
1000 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
MSF-461
570
H
x4
x2
50
1000 pF
500 V
x2
x2
4.7
F
FIGURE 1: SCHEMATIC
MSF-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
VDC
INPUT CLAMPING
–55°C
38.9
43.2
47.5
VOLTAGE
25°C
42.3
47.0
51.7
VDC
85°C
44.9
49.9
54.8
INPUT CURRENT
420
mA DC
NOISE REJECTION
50
dB
DC RESISTANCE1 (RDC)
TC = 25°C
3.00
3.20
3.50
OUTPUT VOLTAGE2
STEADY STATE
VOUT = VIN - IIN (RDC)
VDC
OUTPUT CURRENT
STEADY STATE, 28 Vin
420
mA
INTERNAL POWER
DISSIPATION
MAXIMUM CURRENT
0.62
W
Notes
1. DC resistance measured using four wire technique.
2. Typical applications result in Vout within 5% of Vin.
Input Voltage
Derate linearly from 100% at 85°C case to
the 33 VDC at 125°C case
DC Input and Output Current
Derate linearly from 100% at 85°C case to
150 mA at 125°C case.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com