Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF-461 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MSF-461
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSF-461 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MSF-461 Datasheet HTML 1Page - Interpoint Corporation Company MSF-461 Datasheet HTML 2Page - Interpoint Corporation Company MSF-461 Datasheet HTML 3Page - Interpoint Corporation Company MSF-461 Datasheet HTML 4Page - Interpoint Corporation Company MSF-461 Datasheet HTML 5Page - Interpoint Corporation Company MSF-461 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B5-7
DESCRIPTION
The MSF-461 EMI filter module has been specifically designed to
reduce the input line reflected ripple current of Interpoint’s MSR and
DCH Series of DC/DC converters. They are intended for use in
applications where switch-mode DC/DC converters, operating at a
frequency of higher than 50 kHz, must meet MIL-STD-461C levels
of conducted power line noise.
MSF-461 EMI filters are built using thick-film hybrid technology and
are sealed in metal packages for military, aerospace, and other
high-reliability applications. See Section B8, case C3, for dimen-
sions. See Section C2 for screening options.
MIL-STD NOISE MANAGEMENT
When used in conjunction with Interpoint’s DC/DC converters (see
connection diagram, Figure 2), the input ripple current will be
reduced by 50 dB within the frequency band of 50 kHz to 50 MHz.
This gives the filter/converter combination a performance which
exceeds the CE03 test limit of MIL-STD-461C. The CE03 perform-
ance of a model MSR2812D converter with and without the MSF-
461 filter is shown in Figures 4 and 5.
FILTER OPERATION
The MSF-461 filters are rated to operate, with no degradation of
performance, over the temperature range of –55°C to +85°C (as
measured at the baseplate). Above 85°C, input voltage and current
must be derated as specified in “Derating” on the following page.
The maximum power dissipation of 0.62 watts (at maximum input
current) represents a power loss of less than 10% at typical input
voltage.
LAYOUT REQUIREMENTS
The case of the filter must be connected to the case of the converter
through a low impedance connection to minimize EMI.
EMI INPUT FILTER
28 VOLT INPUT
MSF EMI FILTER
0.8 AMP
FEATURES
• –55°C to +85°C operation
• 50 dB minimum attenuation
at 500 kHz
• Compliant to MIL-STD-461C, CE03
• Overvoltage protection
Size (max.): 1.075 x 1.075 x 0.370 (27.31 x 27.31 x 9.40 mm)
See Section B8, cases C3, for dimensions.
Weight:
15 grams typical, 16 grams maximum
Screening:
Standard or ES. See Section C2 for screening
options, see Section A5 for ordering information.
MODEL
MSF-461
0.8 amp


Similar Part No. - MSF-461

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
MINI JUMPER CLOSED TYPE
More results

Similar Description - MSF-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMGA-461 INTERPOINT-FMGA-461 Datasheet
185Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
FMH-461 CRANE-FMH-461 Datasheet
312Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com