Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR2805S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MSR2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSR2805S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MSR2805S Datasheet HTML 1Page - Interpoint Corporation Company MSR2805S Datasheet HTML 2Page - Interpoint Corporation Company MSR2805S Datasheet HTML 3Page - Interpoint Corporation Company MSR2805S Datasheet HTML 4Page - Interpoint Corporation Company MSR2805S Datasheet HTML 5Page - Interpoint Corporation Company MSR2805S Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRIPLE OUTPUT EXTERNAL CAPACITOR
OPERATION WITHOUT EXTERNAL CAPACITORS WILL RESULT IN DAMAGE TO THE INTERNAL CIRCUITRY.
B4-29
MSR SERIES
4 WATT
DC/DC CONVERTERS
FEEDBACK
LOGIC
TIMING
CONTROL
SWITCH
REF. &
COMP
DUAL
TRACKING
REGULATOR
9
+5 OUTPUT
6, 7
8
POSITIVE
AUXILIARY
OUTPUT
5
NEGATIVE
AUXILIARY
OUTPUT
OUTPUT
COMMON
1, 2
POSITIVE
INPUT
15
INHIBIT
17, 18
INPUT
COMMON
220
µF
EXTERNAL
CAPACITOR
Required
Minimum
Model
Connection1
Capacitor Value2
MSR28512T
Positive 5 VDC Output (9) to
and
Output Common (6 or 7)
220 µF, 10 V
MSR28515T
FIGURE 2:
TRIPLE OUTPUT EXTERNAL CAPACITOR CONNECTIONS
Notes – Table 2
1. See Figure 2 for connection diagram.
2. Capacitors should be high quality, low ESR components —
solid tantalum is recommended.
TABLE 2: EXTERNAL CAPACITOR REQUIREMENTS
TRIPLE OUTPUT MODELS
MSR28512T
MSR28515T
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
16 TO 32 VIN
MAIN
4.9
5.0
5.1
4.9
5.0
5.1
VDC
BALANCED LOAD
AUX
±11.5
±12.0
±12.5
±14.5
±15.0
±15.5
OUTPUT CURRENT
MAIN
10.01
—
400
10.01
—
400
mA
AUX
—
—
±50.0
—
—
±40.0
OUTPUT POWER2
Tc = –55°C TO +85°C
—
—
3.2
—
—
3.2
W
OUTPUT RIPPLE3
BW DC TO 1 MHz
MAIN
—
50
100
—
50
100
mV p-p
± AUX
—
50
100
—
50
100
LINE REGULATION
16 TO 32 V
IN
MAIN
—
5
10
—
5
10
mV
± AUX
—
3
6
—
3
7.5
LOAD REGULATION
NO LOAD TO FULL
MAIN
—
15
30
—
15
30
mV
± AUX
—
15
30
—
15
30
INPUT VOLTAGE
Tc = –55°C TO +85°C
16
28
32
16
28
32
VDC
TRANSIENT 50 ms
—
—
40
—
—
40
V
NO LOAD
—
10
20
—
10
20
INPUT CURRENT
FULL LOAD
—
—
176
—
—
176
mA
INHIBITED
—
—
5
—
—
5
EFFICIENCY
65
70
—
65
70
—
%
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
WARNING:EXTERNAL CAPACITORS REQUIRED
Notes
1. External capacitors required (see Table 2 for specifications).
2. Minimum load required on main output for full power auxiliary operation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com