Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR2805S Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MSR2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSR2805S Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MSR2805S Datasheet HTML 1Page - Interpoint Corporation Company MSR2805S Datasheet HTML 2Page - Interpoint Corporation Company MSR2805S Datasheet HTML 3Page - Interpoint Corporation Company MSR2805S Datasheet HTML 4Page - Interpoint Corporation Company MSR2805S Datasheet HTML 5Page - Interpoint Corporation Company MSR2805S Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PIN OUT
B4-30
MSR SERIES
4 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
MSR
28 512 T / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(Standard screening has no designator
in this position.)
Dot on top of cover
indicates pin one.
BOTTOM VIEW
MSR
12
9
10
17
18
See section B8, case C2, for dimensions.
FIGURE 3: PIN OUT
Pin
Single Output
Dual Output
Triple Output
1, 21
Positive Input
Positive Input
Positive Input
3
No connection
No connection
No connection
4
Case
Case
Case
5
No connection
No connection
Negative Aux. Output
6
No connection
No Connection
Output Common Main2
7
No connection
No connection
Output Common Aux.2
8
Output Common3
Output Common
Positive Aux. Output
9
Output Common3
No connection
+5 VDC Output
10
No connection
Positive Output
No connection
11
No connection
No connection
No connection
12
Positive Output3
Negative Output
No connection
13
Positive Output3
No connection
No connection
14
No connection
Ext. Capacitor
No connection
15
Inhibit
Inhibit
Inhibit
16
No connection
No connection
No connection
17, 181
Input Common
Input Common
Input Common
Pin Out Notes
1. Make external connection to both pins on all models.
Pins 1 and 2 positive input
Pins 17 and 18 input common
2. Pins 6 and 7 on triple output models are connected internally.
3. On the HR41-2805:
Make external connections to both output common pins (8 and 9).
Make external connections to both positive output pins (12 and 13).
WARNING:EXTERNAL CAPACITORS REQUIRED
OPERATION WITHOUT EXTERNAL CAPACITORS WILL RESULT IN DAMAGE TO THE INTERNAL CIRCUITRY.
24021-001-DTS Rev A
DQ# 1022
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MSR Series is a trademark of Interpoint.
Copyright © 1992 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com