Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805DF/883 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MTR2805DF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2805DF/883 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MTR2805DF/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
5
MTR SERIES
30 WATT
DC/DC CONVERTERS
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy (all cases)
ceramic seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE F
BOTTOM VIEW
See Figure 33 for pin configuration
1.350 max
(34.29)
1.950 max
(49.53)
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Dot on top of case indicates pin one
10
9876
0.000
0.170
(4.32)
1.170
(29.72)
12345
0.040 dia.
(1.02)
Platform
Header
MTR Series Triple: Screening – Standard, ES, or 883
BOTTOM VIEW CASE F1
Seam Seal
Dot on top of case indicates pin one
FIGURE 32: CASE F MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com