Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805DF/883 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MTR2805DF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2805DF/883 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MTR2805DF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 15Page - Interpoint Corporation Company MTR2805DF/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
8
MTR SERIES
30 WATT
DC/DC CONVERTERS
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy (all cases)
ceramic seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE J
BOTTOM VIEW
See Figure 38
for pin configuration
1.350 max
(34.29)
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Flange Thickness: 0.060 (1.52)
2.720 max
(69.09)
Dot on top of case indicates pin one
FIGURE 37: CASE J MAXIMUM DIMENSIONS
0.040 dia.
(1.02)
Platform Header
Seam Seal
10
9876
12345
0.170
(4.32)
0.000
1.170
(29.72)
0.670
(17.02)
0.162 dia
(4.11)
Flanged cases: Designator "F" required in Case Option position of model number.
MTR Series Triple: Screening – Standard, ES, or 883
BOTTOM VIEW CASE J1
Squared corner and dot on top
of case indicate pin one.
FIGURE 38: CASE J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com