Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2812DF/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MTR2812DF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2812DF/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MTR2812DF/883 Datasheet HTML 1Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 2Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 3Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 4Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
92
MTR SERIES
30 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
TRIPLE OUTPUT MODELS
MTR28512T
MTR28515T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
MAIN
4.95
5.0
5.05
4.95
5.0
5.05
+ AUXILIARY
11.82
12.0
12.18
14.77
15.0
15.23
VDC
– AUXILIARY
11.82
12.0
12.18
14.77
15.0
15.23
OUTPUT CURRENT1
MAIN
0.5
—
4.0
0.5
—
4.0
VIN = 16 TO 40
+ AUXILIARY
—
0.416
0.750
—
0.333
0.600
A
– AUXILIARY
—
0.416
0.750
—
0.333
0.600
OUTPUT POWER1
MAIN
—
20
20
—
20
20
VIN = 16 TO 40
+ AUXILIARY
—
5
9
—
5
9
W
– AUXILIARY
—
5
9
—
5
9
TOTAL
—
—
30
—
—
30
OUTPUT RIPPLE
10 kHz to 2 MHz
MAIN
—
50
115
—
50
115
VOLTAGE
± AUXILIARY
—
20
80
—
20
80
mV p-p
LINE REGULATION
MAIN
—
10
20
—
10
20
mV
VIN = 16 TO 40
±AUXILIARY
—
25
60
—
30
75
LOAD REGULATION2, 3
MAIN
—
10
20
—
10
50
mV
± AUXILIARY
—
30
75
—
30
75
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
TRANSIENT 50 ms
—
—
50
—
—
50
INPUT CURRENT
NO LOAD
—
70
100
—
70
100
mA
FULL LOAD
—
1.37
1.45
—
1.37
1.45
A
INHIBITED
—
3.0
8
—
3.0
8
mA
INPUT RIPPLE CURRENT
10 kHz TO 10 MHz
—
20
40
—
20
40
mA p-p
EFFICIENCY
72
75
—
73
75
—
%
LOAD FAULT4
POWER DISSIPATION
SHORT CIRCUIT
ALL OUTPUTS SHORTED TOTAL
—
—
14
—
—
14
W
RECOVERY EACH OUTPUT
—
1.4
2.0
—
1.4
2.0
ms
STEP LOAD RESPONSE
TRANSIENT5
MAIN
—
150
250
—
150
250
mV
± AUXILIARY
—
500
750
—
500
750
RECOVERY6
MAIN
—
0.05
0.10
—
0.05
0.10
ms
± AUXILIARY
—
3
5
—
2
5
STEP LINE RESPONSE
TRANSIENT
MAIN
—
150
250
—
150
250
mV
VIN = 16 TO 40
± AUXILIARY
—
100
250
—
100
250
START-UP
DELAY
—
1.4
2.0
—
1.4
2.0
ms
OVERSHOOT
MAIN
—
0
500
—
0
500
mV
± AUXILIARY
—
0
1500
—
0
1500
Notes
1. The sum of the two aux outputs is not to exceed 10 watts. The maximum
load per aux output is 9 watts.
2. To maintain regulation when operating the ±Aux at full load, a minimum load
of 500 mA is required on the main.
3. Measured on each output one at a time with the other outputs at full load.
4. Indefinite short circuit protection not guaranteed above 125°C (case).
5. Response of each output as all outputs are simultaneously transitioned.
Main: 50% - 100% - 50% of main full load
Auxiliaries: 25% - 50% - 25% each, of total auxiliary full load
6. Recovery time is measured from application of the transient to point at
which Vout is within 1% of regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com