Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2812DF/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MTR2812DF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2812DF/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MTR2812DF/883 Datasheet HTML 1Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 2Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 3Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 4Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2812DF/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1
MTR SERIES
30 WATT
DC/DC CONVERTERS
TRIM AND REMOTE SENSE (AVAILABLE ON SINGLE OUTPUT MODELS ONLY)
PIN OUT
BOTTOM VIEW
MTR SINGLE
FLANGED AND NON-FLANGED
Dot on top of cover indicates pin one.
Dotted line outlines flanged package option.
6
10
7
8
9
12
345
FIGURE 3: PIN OUT SINGLE OUTPUT MODELS
RL
OUTPUT
COMMON
REMOTE SENSE CONNECTION
2 Make connections at load.
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
+VIN
INPUT
COMMON
6
SENSE
RETURN
SENSE
POSITIVE
OUTPUT
2
2
EXTERNAL TRIM CONNECTION
1 Make connections at converter.
RL
OUTPUT
COMMON
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
+VIN
INPUT
COMMON
6
SENSE
RETURN
SENSE
POSITIVE
OUTPUT
1
RT
1
FIGURE 2: REMOTE SENSE2, 3
FIGURE 1: TRIM CONNECTION1, 2, 3
Notes for Remote Sense and Trim
1. When trimming output voltage and/or remote sensing, the total output
voltage increase must be less than 0.6 volts at the converters pins to
maintain specified performance.
2. If neither voltage trim nor remote sense will be used, connect pin 3 to
pin 4 and pin 5 to pin 6 or the output voltage will increase by 1.2 volts.
3. CAUTION: The converter will be permanently damaged if the positive
remote sense (pin 6) is shorted to ground. Damage may also result if
the output common or positive output is disconnected from the load with
the remote sense leads connected to the load.
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
Main (+5) Output
3
Sense Return
Positive Output
Output Common
4
Output Common
Output Common
Neg. Aux. Output
5
Positive Output
Negative Output
Pos. Aux. Output
6
Positive Sense
Case Ground
Case Ground
7
Case Ground
Case Ground
Case Ground
8
Case Ground
Case Ground
Inhibit
9
Sync
Sync
Sync
10
Input Common
Input Common
Input Common
BOTTOM VIEW
MTR TRIPLE
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
10
9876
12345
Squared corner and dot on top
of package indicate pin one.
FIGURE 5: PIN OUT TRIPLE OUTPUT MODELS
BOTTOM VIEW
MTR DUAL
FLANGED AND NON-FLANGED
Dot on top of cover indicates pin one.
6
10
7
8
9
12
345
Dotted line outlines flanged package option.
FIGURE 4: PIN OUT DUAL OUTPUT MODELS
See pages 10, 13, and for dimensions.
See pages 10, 11, 13, 14, and 15 for dimensions.
See pages 9 and 12 for dimensions.
Trim Formulas
Vout = desired output voltage; Rt = trim resistor
3.3V: Rt = 1300 * Vout – 4304
1.2475
5V:
Rt = 1300 * Vout – 6512
1.2475
12V: Rt = 1300 * Vout – 15631
1.2475
15V: Rt = 1300 * Vout – 19498
1.2475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com