Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2805S/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMFL2805S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2805S/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMFL2805S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SMFL SERIES
65 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 7
FIGURE 9
60
65
70
75
80
85
90
0
10
2030 40 5060 70
40 VIN
16 VIN
28 VIN
Output Power (Watts)
SMFL2828S Efficiency
50
µs/div
16 to 40 V
SMFL2805S Step Line Response
Vout
Vin
0.1
0.
20.
40.
60.
80.
100.
Frequency (kHz)
SMFL Series Audio Rejection
1
10
100
FIGURE 8
FIGURE 13
FIGURE 15
1ms/div
SMFL2815D Step Load Response
100% to 50%
50% to 100%
–Pout = 32.5W
0
30
40
50
60
– 8
– 6
– 4
– 2
2
4
6
8
SMFL2812D
SMFL2805D
70
SMFL2815D
Output Load (%)
+Pout 80 to 20 %, –Pout 20 to 80%
Cross Regulation
100% to 50%
50% to 100%
1ms/div
SMFL2805S Step Load Response
FIGURE 10
1ms/div
No Load
SMFL2805S Turn On Response
Vin
Vout
FIGURE 11
VIN
–Vout
+Vout
1ms/div
No Load
SMFL2815D Turn On Response
FIGURE 14
FIGURE 12
50
µs/div
16 to 40 V
SMFL2815D Step Line Response
+Vout
–Vout
Vin
FIGURE 16
10
20
30
40
50
60
11
15
14
13
12
65
16
SMFL2815S & 15D
SMFL2805S & 5D
Output Power (Watts)
Low Line Dropout
SMFL2812S & 12D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com