Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2805S/KR Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMFL2805S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2805S/KR Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMFL2805S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL2805S/KR Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
SMFL SERIES
65 WATT
DC/DC CONVERTERS
TABLE 2: PRODUCT ENVIRONMENTAL SCREENING
ENVIRONMENTAL SCREENING
SPACE
TEST PERFORMED
PROTOTYPE
CLASS
CLASS
(END ITEM LEVEL)(O)
H
K
Non-destruct bond pull
Method 2023
no
yes
yes
Pre-cap inspection
Method 2017, 2032
yes
yes
yes
Temperature cycle
Method 1010, Cond. C
yes
yes
yes
Constant acceleration
Method 2001, 3000 g
yes
yes
yes
PIND Test
Method 2020, Cond. B
no
yes
yes
Radiography
Method 2012
no
no
yes
Pre burn-in test
yes
yes
yes
Burn-in, Method 1015, 125°C
96 hours
yes
no
no
160 hours
no
yes
no
2 x 160 hour (includes mid BI test)
no
no
yes
Final electrical test
MIL-PRF-38534, Group A
yes
yes
yes
Hermeticity test
Fine Leak,
Method 1014, Cond. A
yes
yes
yes
Gross Leak,
Method 1014, Cond. C
yes
yes
yes
Final visual inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com