Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMFL2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT (INH1, INH2)
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 VDC
Power Dissipation (Pd)
• 14 watts (16 watts SMFL2805S, SMFL2805D)
Output Power
• 40 to 65 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
2
SMFL SERIES
65 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 150 pF, typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency
• Free run mode 600 kHz typical
550 kHz. min, 650 kHz max
• External sync range 525 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 9 to12 V, INH2 = 6 to 9 V
Input Voltage Range
• 16 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55°C to +125°C full power
Sync In (525 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 9 V max
• Referenced to input common
• If not used, connect to input common
Sync Out
• Referenced to input common
• If not used, leave unconnected
Inhibit (INH1, INH2) TTL Open Collector
• Logic low (output disabled)
INH1 referenced to input common
Logic low 0.8 V max
Inhibit pin current 10 mA max
INH2 referenced to output common
Logic low 0.5 V max
Inhibit pin current 5 mA max
• Logic high (output enabled)
Open collector
• If not used, leave unconnected
Notes
1. Unit will shut down above approximately 45V but will be undamaged and
will restart when voltage drops into normal range.
2. Indefinite short circuit protection not guaranteed above 125°C case.
3. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
4. Guaranteed but not tested.
SINGLE OUTPUT MODELS
SMFL283R3S
SMFL2805S
SMFL2812S
SMFL2815S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
3.27
3.3
3.33
4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
VDC
OUTPUT CURRENT
VIN = 16 TO 40 VDC
0
—
12
0
—
10
0
—
5
0
—
4.33
A
OUTPUT POWER
VIN = 16 TO 40 VDC
0
—
40
0
—
50
0
—
60
0
—
65
W
OUTPUT RIPPLE
Tc = 25°C
—
10
35
—
15
35
—
30
75
—
30
85
VOLTAGE 10 k - 2 MHz
Tc = –55°C to +125°C
—
10
50
—
30
50
—
45
100
—
45
110
mV p-p
LINE REGULATION
VIN = 16 to 40 VDC
—
0
20
—
0
20
—
0
20
—
0
20
mV
LOAD REGULATION
NO LOAD TO FULL
—
—
20
—
—
20
—
—
20
—
—
20
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT1, 4 50 ms
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
70
100
—
70
120
—
50
80
—
50
80
mA
FULL LOAD
—
—
2.1
—
—
2.5
—
—
2.8
—
—
3.0
A
INHIBITED - INH1
—
9
14
—
9
14
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
70
—
35
70
—
35
70
—
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
15
50
—
15
50
—
15
50
—
15
50
mA pp
EFFICIENCY
Tc = 25°C
70
—
—
75
80
—
81
86
—
82
87
—
%
LOAD FAULT2
POWER DISSIPATION
SHORT CIRCUIT
Tc = 25°C
—
12.5
14
—
12.5
16
—
10
14
—
10
14
W
RECOVERY
—
1.5
4
—
1.5
4
—
1.5
4
—
1.5
4
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
200
300
—
250
350
—
450
700
—
500
700
mV p
RECOVERY3, 4
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESP3, 4.
16 – 40 – 16 VDC
TRANSIENT
—
250
300
—
250
300
—
250
400
—
250
400
mV pk
RECOVERY
—
200
30
—
200
300
—
200
300
—
200
300
µs
START-UP
DELAY
—
3.5
6
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVERSHOOT4
—
0
25
—
0
25
—
0
50
—
0
50
mV pk
PINS NOT USED
TR1, Master, and Slave
If not used, leave unconnected
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com