Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMFL2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SMFL SERIES
65 WATT
DC/DC CONVERTERS
DUAL OUTPUT MODELS
SMFL2805D
SMFL2812D
SMFL2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
+VOUT 4.95
5.00
5.05
11.88 12.00
12.12
14.85 15.00
15.15
VDC
–VOUT 4.92
5.00
5.08
11.82 12.00
12.18
14.77 15.00
15.23
OUTPUT CURRENT1
VIN = 16 TO 40 VDC
EACH OUTPUT
0
—
7
0
—
3.5
0
—
3.03
A
TOTAL OUTPUT
0
—
10
0
—
5
0
—
4.33
OUTPUT POWER
VIN = 16 TO 40 VDC
0
—
50
0
—
60
0
—
65
W
OUTPUT RIPPLE
VOLTAGE ± VOUT
10 kHz - 2 MHz
—
50
100
—
50
120
—
50
150
mV p-p
LINE REGULATION
VIN = 16 TO 40 VDC
+VOUT
—
0
50
—
0
50
—
0
50
mV
–VOUT
—
25
100
—
25
100
—
25
100
LOAD REGULATION
NO LOAD TO FULL
+VOUT
—
0
50
—
10
100
—
10
100
mV
–VOUT —
25
100
—
50
120
—
50
150
CROSS REGULATION
SEE NOTE 2
—
5
8
—
2
4
—
2
4
%
SEE NOTE 3
—
3
6
—
2
4
—
2
4
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT4, 7 50 ms.
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
50
120
—
50
100
—
50
100
mA
FULL LOAD
—
—
2.40
—
—
2.80
—
—
3.00
A
INHIBITED - INH1
—
9
14
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
70
—
35
70
—
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
15
50
—
15
50
—
15
50
mA p-p
EFFICIENCY
BALANCED LOAD
75
80
—
81
86
—
82
87
—
%
LOAD FAULT5
POWER DISSIPATION
SHORT CIRCUIT
—
12.5
16
—
10
14
—
10
14
W
RECOVERY
—
1.5
4.0
—
1.5
4.0
—
1.5
4.0
ms
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE ± VOUT
TRANSIENT
—
250
350
—
450
600
—
500
600
mV pk
RECOVERY6, 7
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE 6, 7
16 – 40 – 16 VIN
RESPONSE ± VOUT
TRANSIENT7
—
250
300
—
250
400
—
250
400
mV pk
RECOVERY
—
200
300
—
200
300
—
200
300
µs
START–UP
DELAY
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVERSHOOT7
—
0
25
—
0
50
—
0
50
mV pk
Notes
1. Up to 70% of the total output power is available from either output providing
the opposite output is simultaneously carrying 30% of the total power.
2. Effect on the negative output under the following conditions:
+Pout 30% to 70%; –Pout 70% to 30%
3. Effect on the negative output under the following conditions:
+Pout 50%; –Pout 10% to 50%
4. Unit will shut down above approximately 45V but will be undamaged and will
restart when voltage drops into normal range.
5. Indefinite short circuit protection not guaranteed above 125°C case.
6. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
7. Guaranteed but not tested.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com