Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS150 Datasheet(PDF) 12 Page - ABB

Part # ACS150
Description  G et the best out of your basic applications. ACS150 drives.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 12 Page - ABB

Back Button ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB ACS150 Datasheet HTML 10Page - ABB ACS150 Datasheet HTML 11Page - ABB ACS150 Datasheet HTML 12Page - ABB ACS150 Datasheet HTML 13Page - ABB ACS150 Datasheet HTML 14Page - ABB ACS150 Datasheet HTML 15Page - ABB ACS150 Datasheet HTML 16Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
A B B M ICRO DR IVE S , AC S1 5 0, 0. 37 TO 4 K W/0. 5 TO 5 HP
—
Options
External
A separate order line and type designation is
required for any of these external options.
Input chokes
Input choke smooths the wave shape of the mains
current and reduces total harmonic distortion
(THD). Together with the input choke, the ACS150
is designed to fulfill the requirements of the
harmonics standard EN/IEC 61000-3-12. In
addition, the input choke provides improved
protection against mains voltage transients.
Output chokes
Output choke decreases du/dt on the output and
filters current spikes caused by voltage spikes.
With an output choke it is possible to increase the
motor cable length which could be otherwise
limited due to a temperature increase resulting
from current spikes and electromagnetic
performance.
Type
designation
ACS150-
Frame
size
Output choke
Cable length
[m]
1-phase, 200 to 240 V
01X-02A4-2
R0
ACS-CHK-B3
60
01X-04A7-2
R1
ACS-CHK-B3
100
01X-06A7-2
R1
ACS-CHK-C3
100
01X-07A5-2
R2
ACS-CHK-C3
100
01X-09A8-2
R2
ACS-CHK-C3
100
3-phase, 200 to 240 V
03X-02A4-2
R0
ACS-CHK-B3
60
03X-03A5-2
R0
ACS-CHK-B3
60
03X-04A7-2
R1
ACS-CHK-B3
100
03X-06A7-2
R1
ACS-CHK-C3
100
03X-07A5-2
R1
ACS-CHK-C3
100
03X-09A8-2
R2
ACS-CHK-C3
100
3-phase, 380 to 480 V
03X-01A2-4
R0
ACS-CHK-B3
60
03X-01A9-4
R0
ACS-CHK-B3
60
03X-02A4-4
R1
ACS-CHK-B3
100
03X-03A3-4
R1
ACS-CHK-B3
100
03X-04A1-4
R1
ACS-CHK-C3
100
03X-05A6-4
R1
ACS-CHK-C3
100
03X-07A3-4
R1
NOCH-0016-6x
100
03X-08A8-4
R1
NOCH-0016-6x
100
Type
designation
ACS150-
Frame
size
Input
choke
I
1N
without
choke
[A]
I
1N
with
choke
[A]
I
TH
[A]
L
[mH]
1-phase, 200 to 240 V
01X-02A4-2
R0
CHK-A1
6.1
4.5
5
8.0
01X-04A7-2
R1
CHK-B1
11.4
8.1
10
2.8
01X-06A7-2
R1
CHK-C1
16.1
11
16
1.2
01X-07A5-2
R2
CHK-C1
16.8
12
16
1.2
01X-09A8-2
R2
CHK-D1
21
15
25
1.0
3-phase, 200 to 240
03X-02A4-2
R0
CHK-01
4.3
2.2
4.2
6.4
03X-03A5-2
R0
CHK-02
6.1
3.6
7.6
4.6
03X-04A7-2
R1
CHK-03
7.6
4.8
13
2.7
03X-06A7-2
R1
CHK-03
11.8
7.2
13
2.7
03X-07A5-2
R1
CHK-04
12
8.2
22
1.5
03X-09A8-2
R2
CHK-04
14.3
11
22
1.5
3-phase, 380 to 480 V
03X-01A2-4
R0
CHK-01
2.2
1.1
4.2
6.4
03X-01A9-4
R0
CHK-01
3.6
1.8
4.2
6.4
03X-02A4-4
R1
CHK-01
4.1
2.3
4.2
6.4
03X-03A3-4
R1
CHK-01
6
3.1
4.2
6.4
03X-04A1-4
R1
CHK-02
6.9
3.5
7.6
4.6
03X-05A6-4
R1
CHK-02
9.6
4.8
7.6
4.6
03X-07A3-4
R1
CHK-02
11.6
6.1
7.6
4.6
03X-08A8-4
R1
CHK-03
13.6
7.7
13
2.7
I
1N= Nominal input current
I
TH = Nominal choke thermal current
L = Choke inductance
—
Input chokes
—
Output chokes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com