Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS150 Datasheet(PDF) 13 Page - ABB

Part # ACS150
Description  G et the best out of your basic applications. ACS150 drives.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 13 Page - ABB

Back Button ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB ACS150 Datasheet HTML 10Page - ABB ACS150 Datasheet HTML 11Page - ABB ACS150 Datasheet HTML 12Page - ABB ACS150 Datasheet HTML 13Page - ABB ACS150 Datasheet HTML 14Page - ABB ACS150 Datasheet HTML 15Page - ABB ACS150 Datasheet HTML 16Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
—
Options
External
A separate order line and type designation is
required for any of these external options.
EMC filters
The ACS150’s internal EMC filter is designed to
meet category C3 requirements of EN/IEC 61800-3
standard. External EMC filters are used to enhance
the drives electromagnetic performance in
conjunction with its internal filtering. Maximum
motor cable length depends on required electro-
magnetic performance, according to the table
below.
Low leakage current filters
Low leakage current filters are ideal for
installations where residual current devices (RCD)
are required and leakage current needs to be
below 30 mA.
Type
designation
Cable length1) with
external EMC filter
Cable length1)
without
external
EMC filter
ACS150-
Frame
size
Filter
type
C1
[m]
C2
[m]
C3
[m]
C3
[m]
C4
[m]
1-phase, 200 to 240 V
01X-02A4-2
R0
RFI-11
10
30
-
30
30
01X-04A7-2
R1
RFI-12
10
30
50
30
50
01X-06A7-2
R1
RFI-12
10
30
50
30
50
01X-07A5-2
R2
RFI-13
10
30
50
30
50
01X-09A8-2
R2
RFI-13
10
30
50
30
50
3-phase, 200 to 240 V
03X-02A4-2
R0 RFI-32
10
30
-
30
30
03X-03A5-2
R0 RFI-32
10
30
-
30
30
03X-04A7-2
R1 RFI-32
10
30
50
30
50
03X-06A7-2
R1 RFI-32
10
30
50
30
50
03X-07A5-2
R1 RFI-32
10
30
50
30
50
03X-09A8-2
R2 RFI-32
10
30
50
30
50
3-phase, 380 to 480 V
03X-01A2-4
R0 RFI-32
30
30
-
30
30
03X-01A9-4
R0 RFI-32
30
30
-
30
30
03X-02A4-4
R1 RFI-32
50
50
50
30
50
03X-03A3-4
R1 RFI-32
50
50
50
30
50
03X-04A1-4
R1 RFI-32
50
50
50
30
50
03X-05A6-4
R1 RFI-32
50
50
50
30
50
03X-07A3-4
R1 RFI-32
50
50
50
30
50
03X-08A8-4
R1 RFI-32
50
50
50
30
50
1)
Internal EMC filter must be connected with the EMC screw in the drive.
When the filter is not connected the C4 maximum cable lengths are
allowed to be used.
Type
designation
Frame
size
Filter type
Cable length1)
with LRFI filter
ACS150-
C2
[m]
Low leakage current filters, 3-phase, 400 V
03X-01A2-4
R0
LRFI-31
10
03X-01A9-4
R0
LRFI-31
10
03X-02A4-4
R1
LRFI-31
10
03X-03A3-4
R1
LRFI-31
10
03X-04A1-4
R1
LRFI-31
10
03X-05A6-4
R1
LRFI-31
10
03X-07A3-4
R1
LRFI-32
10
03X-08A8-4
R1
LRFI-32
10
1)
Internal EMC filter must be disconnected by removing the EMC screw
from the drive.
—
EMC standards in general
EN 61800-3
(2004),
product
standard
EN 55011, product family
standard for industrial,
scientific and medical
(ISM) equipment
EN 61800-3/A11 (2000),
product standard
Category C1
Group 1
Class B
1st environment,
unrestricted distribution
Category C2
Group 1
Class A
1st environment,
restricted distribution
Category C3
Group 2
Class A
2nd environment,
unrestricted distribution
Category C4
Not applicable
2nd environment,
restricted distribution
—
EMC filters
—
Low leakage current filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com