Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ1AD Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # GLZ1AD
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AD Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  GLZ1AD Datasheet HTML 1Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 2Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 3Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 4Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 5Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 6Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Limit and Enclosed Switches
Degree of Protection
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A13
IP Classification
The IEC 529 standard describes a system for classifying the degree
of protection provided by the enclosures of electrical equipment.
The level of protection given by the enclosure is indicated by the IP
code.
This code system uses the letters ‘‘IP’’ (International Protection)
followed by up to four digits. Normally only the first two digits are
used.
IP
1st
Digit
2nd
Digit
3rd
Digit
4th
Digit
The first digit is numerical and indicates the level of protection within
the enclosure against the ingress of solid foreign objects and ac-
cess to hazardous parts by persons.
The second digit is also numerical and indicates the level of protec-
tion against the ingress of WATER into the enclosure.
The third digit is a letter and indicates a higher level of protection for
persons against access to hazardous parts.
The fourth digit is also a letter and is used in exceptional cases for
supplementary information.
If the first or second digit is not required to be specified, then it is
replaced by the letter ‘‘X’’ (‘‘XX’’ if both digits are not required).
While the tables below serve as a guide to the level of protection,
Honeywell recommends that customers refer to the full official IEC
specification for the exact definitions. If in doubt about the degree of
protection required for a particular application, please consult your
local Honeywell office.
Note:
The IEC 529 standard does not relate to protection against rust,
corrosion, icing or corrosive solvents (e.g. cutting fluids) and that
product coded IP 67 may not necessarily meet IP 66 requirements.
First Digit
Protection against ingress of solid objects
IP
TEST
0
no protection
1
protected against solid objects with a diameter greater
than 50 mm.
2
protected against solid objects with a diameter greater
than 12 mm.
3
protected against solid objects with a diameter greater
than 2.5 mm.
4
protected against solid objects with a diameter greater
than 1 mm.
5
protected against dust-limited ingress (no harmful
deposit)
6
totally protected against dust
Second Digit
Protection against ingress of water
IP
TEST
0
no protection
1
protected against vertically falling drops of water.
2
protected against vertically falling drops of water when
the enclosure is tilted at an angle up to 15 degrees.
3
protected against water sprayed at an angle of 60
degrees from the vertical
4
protected against splashing water from all directions –
limited ingress (no harmful effects)
5
protected against low pressure jets of water from all
directions – limited ingress permitted
6
protected against powerful jets of water from all
directions – limited ingress permitted
7
protected against the effects of temporary immersion in
water
8
protected against the effects of continuous immersion in
water
NEMA Classification (USA)
NEMA (National Electrical Manufacturer’s Association) pre-
pares standards which define a product, process or procedure with
reference to one or more of the following: nomenclature, composi-
tion, construction, dimensions, tolerances, safety, operating char-
acteristics, performance, quality, electrical rating, testing and the
service for which designed.
This standard provides degrees of protection for Enclosures for
Electrical Equipement (1000 Volts Maximum) similar to that of the
IEC 529 standard. The reference standard herein reflects the latest
data in the NEMA Standards Publication when this information went
to print.
Non-hazardous locations
Type1enclosures are intended for indoor use primarily to provide a
degree of protection against contact with the enclosed equipment.
Type 3 enclosures are intended for outdoor use primarily to pro-
vide a degree of protection against windblown dust, rain, sleet, and
external ice formation.
Type 4 enclosures are intended for indoor or outdoor use primarily
to provide a degree of protection against windblown dust and rain,
splashing water, and hose-directed water.
Type 4X enclosures are intended for indoor or outdoor use primar-
ily to provide a degree of protection against corrosion, windblown
dust and rain, splashing water, and hose-directed water.
Type 6 enclosures are intended for indoor or outdoor use primarily
to provide a degree of protection against the entry of water during
occasional temporary submersion at a limited depth.
Type 6P enclosures are intended for indoor or outdoor use primar-
ily to provide a degree of protection against the entry of water during
prolonged submersion at a limited depth.
Type12 enclosures are intended for indoor use primarily to provide
a degree of protection against dust, falling dirt, and dripping non-
corrosive liquids.
Type13 enclosures are intended for indoor use primarily to provide
a degree of protection against dust, spraying water, oil and non-
corrosive coolant.
Note: Enclosures are based, in general, on the broad definitions
outlined in NEMA Standards. Therefore, it will be necessary to
ascertain that a particular enclosure will be adequate when exposed
to the specific conditions that might exist in intended applications.
Except as might otherwise be noted, all references to products
relative to NEMA enclosure type are based on Honeywell evaluation
and Underwriter’s Laboratory (UL) tested.
This NEMA Standards Publication does test for environmental con-
ditions such as corrosion, rust, icing, oil, and coolants. The IEC 529
does not, and does not specify degree of protection against me-
chanical damage of equipment. For this reason, and because the
tests and evaluations for other characteristics are not identical, the
IEC Enclosure Classification Designations cannot be exactly equa-
ted with NEMA Enclosure Type Numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com