Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ1AD Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # GLZ1AD
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AD Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 10Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 11Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Limit and Enclosed Switches
GLD
EN 50047
Double insulated standard
A20
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Technical Data
Mechanical life
up to 15 million operations
Degree of protection
IP 66
NEMA/UL type 1, 12, 13
Temperature range
Operating:
–25°C to +85°C
–13°F to +185°F
Storage:
–40°C to +85°C
–40°F to +185°F
Approvals
IEC 947-5-1
EN60947-5-1
AC15 A600
DC13 Q300
UL & CSA
Vibration (Actuator not fitted)
10 g conforming to IEC 68-2-6
Shock (Actuator not fitted)
50 g conforming to IEC 68-2-27
Terminal marking to EN 50013
Snap-Action Contacts
Circuit closed
* Positive opening to IEC 947-5-1-3
(F.P.) 0°
(O.P.) 26°
(R.P.) 14,5°
(D.T.) 11,5°
(*) 54°
(O.T.) 61° to
75°
* Point from which the positive opening is assured.
01
Ordering:
GLD
X
Example: GLD B 01 B
Conduit Thread
A = 1/2 NPT adapter
B = PG 13,5
C = 20 mm adapter
D = PF 1/2 adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com