Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMTR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMTR Datasheet HTML 1Page - Interpoint Corporation Company SMTR Datasheet HTML 2Page - Interpoint Corporation Company SMTR Datasheet HTML 3Page - Interpoint Corporation Company SMTR Datasheet HTML 4Page - Interpoint Corporation Company SMTR Datasheet HTML 5Page - Interpoint Corporation Company SMTR Datasheet HTML 6Page - Interpoint Corporation Company SMTR Datasheet HTML 7Page - Interpoint Corporation Company SMTR Datasheet HTML 8Page - Interpoint Corporation Company SMTR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DUAL OUTPUT MODELS
SMTR2805D
SMTR2812D
SMTR2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.92
5.00
5.08
11.82
12.00
12.18
14.77
15.00
15.23
OUTPUT CURRENT1, 2
VIN = 16 TO 40 VDC
0
2.5
4.5
0
1.25
2.25
0
1.0
1.8
A
OUTPUT POWER1, 2
VIN = 16 TO 40 VDC
0
—
25
0
—
30
0
—
30
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
20
50
—
30
80
—
25
80
mV p-p
VOLTAGE +/– VOUT
Tc = –55°C TO +125°C
—
40
80
—
40
120
—
40
120
LINE REGULATION3
Tc = –55°C
+VOUT
—
10
50
—
10
50
—
10
50
mV
VIN = 16 TO 40 VDC
TO +125°C
–VOUT
—
50
100
—
50
150
—
50
180
LOAD REGULATION
Tc = –55°C
+VOUT
—
5
50
—
15
50
—
15
50
mV
NO LOAD TO FULL
TO +125°C
–VOUT
—
25
100
—
30
180
—
30
180
CROSS REGULATION
SEE NOTE 4
—
7
12
—
4
8.3
—
3
8
%
EFFECT ON –VOUT
SEE NOTE 5
—
4
6
—
4
6
—
4
6
INPUT VOLTAGE1
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
35
75
—
50
75
—
50
75
mA
FULL LOAD
—
1.10
—
—
1.34
—
—
1.29
—
A
INHIBITED
—
3
8
—
3
8
—
3
8
mA
INPUT RIPPLE
CURRENT1, 6
10 kHz - 10 MHz
—
15
50
—
20
50
—
20
50
mA p-p
EFFICIENCY
74
76
—
77
80
—
78
81
—%
LOAD FAULT7
POWER DISSIPATION
SHORT CIRCUIT1
—
—
10
—
—
10
—
—
10
W
RECOVERY
—
1.4
5.0
—
1.4
5.0
—
1.4
5.0
ms
STEP LOAD
50 – 100 – 50% BALANCED
RESPONSE ± VOUT
TRANSIENT
—
±200
±300
—
±150
±300
—
±200
±400
mV pk
RECOVERY8
—
100
200
—
100
200
—
100
200
µs
STEP LINE
16 – 40 – 16 VIN
RESPONSE ±VOUT
TRANSIENT9
—
±200
±400
—
±200
±400
—
±400
±500
mV pk
RECOVERY8
—
—
300
—
—
300
—
—
300
µs
START–UP1
DELAY
—
1.4
5
—
1.4
5
—
1.4
5
ms
OVERSHOOT
FULL LOAD
—
0
180
—
0
120
—
0
150
mV pk
NO LOAD
—
50
250
—
120
600
—
150
750
3
SMTR SERIES
30 WATT
DC/DC CONVERTERS
®
Notes
1. Tc = –55°C to +125°C.
2. Up to 90% of the total output current/power is available from either output
providing the positive output is carrying at least 10% of the total output
power.
3. Operation is limited below 16 V (see Figure 21).
4. Effect
on
the
negative
output
under
the
following
conditions:
+Pout 20% to 80%; –Pout 80% to 20%
5. Effect
on
the
negative
output
under
the
following
conditions:
+Pout 50%; –Pout 10% to 50%
6. Tested with 3300 pF ceramic bypass capacitors connected externally from
input common to case and output common to case
7. Indefinite short circuit protection not guaranteed above 125°C case.
8. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
9. Transition time
≥ 10 µs.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com