Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMTR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMTR Datasheet HTML 1Page - Interpoint Corporation Company SMTR Datasheet HTML 2Page - Interpoint Corporation Company SMTR Datasheet HTML 3Page - Interpoint Corporation Company SMTR Datasheet HTML 4Page - Interpoint Corporation Company SMTR Datasheet HTML 5Page - Interpoint Corporation Company SMTR Datasheet HTML 6Page - Interpoint Corporation Company SMTR Datasheet HTML 7Page - Interpoint Corporation Company SMTR Datasheet HTML 8Page - Interpoint Corporation Company SMTR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MODELS
VDC OUTPUT
SINGLE
3.3
5
12
15
DUAL
±5
±12
±15
DC/DC CONVERTERS
28 VOLT INPUT
SMTR SERIES
30 WATT
DESCRIPTION
The SMTR Series™ of 28 volt DC/DC converters offers up to
30 watts of output power from single or dual output configurations.
The operate over the full military temperature range of –55°C to
+125°C with up to 84% efficiency. SMTR converters are packaged
in hermetically sealed metal enclosures, making them ideal for use
in military, aerospace and other high reliability applications.
SCREENING AND REPORTS
SMTR converters offer three screening options (Standard, Class H,
or Class K) and two levels of radiation hardness (O or R). See
Tables 1, 2, and 3 for more information. Detailed reports on product
performance are also available and are listed in Table 4.
CONVERTER DESIGN
The SMTR converters are constant frequency, pulse-width mod-
ulated switching regulators which use a quasi-square wave, single
ended, forward converter design. Tight load regulation is maintained
by using a wide bandwidth magnetic feedback and, on single output
models, through use of remote sense. On dual output models, the
positive output is independently regulated and the negative output is
cross regulated through the use of tightly coupled magnetics.
Indefinite short circuit protection and overload protection are
provided by a constant current-limit feature. This protective system
senses current in the converter’s secondary stage and limits it to
approximately 115% of the maximum rated output current.
SMTR converters are provided with internal filtering capacitors that
help reduce the need for external components in normal operation.
For systems that require compliance with MIL-STD-461C’s CE03
standard, Interpoint offers filter/transient suppression modules
(including the FMC-461, FMD-461 and FM-704A series filters) which
will result in compliance. For the lowest noise performance, connec-
tion of the case to input common is recommended. The connection
can be hard-wired or AC coupled with a small ceramic bypass
capacitor.
SYNCHRONIZATION
Synchronizing the converter with the system clock allows the
designer to confine switching noise to clock transitions, minimizing
interference and reducing the need for filtering. In sync mode, the
converter will run at any frequency between 500 kHz and 675 kHz.
The sync control operates with a quasi-TTL signal at any duty cycle
between 40% and 60%. The sync pin should be connected to input
common pin when not in use.
WIDE VOLTAGE RANGE
SMTR converters are designed to provide full power operation over
a full 16 to 40 Vdc voltage range. Operation below 16 volts,
including MIL-STD-704D emergency power conditions is possible
with derated power.
IMPROVED DYNAMIC RESPONSE
The SMTR Series feed-forward compensation system provides
excellent dynamic response and noise rejection. Audio rejection is
typically 50 dB. The min. to max. step line transient response is typi-
cally less than 4%.
INHIBIT FUNCTION
SMTR converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output and very low
quiescent input current. The converter is inhibited when a TTL
compatible low (
≤0.8V) is applied to the inhibit pin. The unit is
enabled when the pin, which is internally connected to a pull-up
resistor, is left unconnected or is connected to an open-collector
gate. The open circuit output voltage associated with the inhibit pin
is 9 to 11 Vdc. In the inhibit mode, a maximum of 8 mA must be sunk
from the inhibit pin.
Size (max.): Non-flanged Case: H2 2.125 x 1.125 x 0.400 inches (53.98 x 28.58 x 10.16 mm)
Flanged Case: K3 2.910 x 1.125 x 0.400 inches (73.79 x 28.58 x 10.16 mm)
See Figures 22 through 25 for dimensions.
Weight:
Non-flanged 52 grams max., flanged 55 grams max.
Screening: Space prototype, Class H, or Class K (MIL-PRF-38534)
Radiation hardness levels O or R
FEATURES
• Fully qualified to Class H or K
• Radiation hardened
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully Isolated
• Magnetic feedback
• Fixed frequency, 600 kHz typical
• Topology – Single Ended Forward
• Inhibit function
• Sync function
• Indefinite short circuit protection
• Up to 30 watts output power
• Trim function on single
output models
• Up to 81% efficiency
®


Similar Part No. - SMTR

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SMTR1720-11G30 STEALTH_MICROWAVE-SMTR1720-11G30 Datasheet
136Kb / 5P
1.7-2.0 GHz 1 W Bi-Directional Power Amplifier
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
2.2-2.4 GHz 10W Bi-Directional Power Amplifier
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
SMTR2425-11B40 STEALTH_MICROWAVE-SMTR2425-11B40 Datasheet
170Kb / 4P
2.4-2.5 GHz 10W Bi-Directional Power Amplifier
SMTR2425-11B40-2 STEALTH_MICROWAVE-SMTR2425-11B40-2 Datasheet
167Kb / 3P
2.4-2.5 GHz Bi-Directional Power Amplifier
More results

Similar Description - SMTR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com