Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM940T Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ARM940T
Description  TECHNICAL REFERENCE MANUAL
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ARM940T Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ARM940T Datasheet HTML 17Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 18Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 19Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 20Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 21Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 22Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 23Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 24Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 230 page
background image
Programmer’s Model
ARM DDI 0144B
Copyright © 1999, 2000 ARM Limited. All rights reserved.
2-3
2.2
About the ARM9TDMI programmer’s model
The ARM9TDMI processor core implements the ARM architecture v4T and executes
the ARM 32-bit instruction set and the compressed Thumb 16-bit instruction set. The
ARM9TDMI programmer’s model is fully described in the ARM Architecture
Reference Manual. The ARM9TDMI Technical Reference Manual gives
implementation details, including instruction execution cycle times.
ARMv4T specifies a small number of implementation options. The options selected in
the ARM9TDMI implementation are listed in Table 2-1 on page 2-3. For comparison,
the options selected for the ARM7TDMI implementation are also shown.
The ARM9TDMI is code-compatible with the ARM7TDMI, with two exceptions:
the ARM9TDMI implements the base restored data abort model, which
significantly simplifies the software Data Abort handler
the ARM9TDMI fully implements the instruction set extension spaces added to
the ARM (32-bit) instruction set in ARMv4 and ARMv4T.
These differences are explained in more detail in the following sections:
Data Abort model on page 2-3
Instruction set extension spaces on page 2-4.
2.2.1
Data Abort model
The base restored data abort model differs from the base updated data abort model
implemented by ARM7TDMI.
The difference in the Data Abort model affects only a very small section of operating
system code, the Data Abort handler. It does not affect user code. With the base restored
data abort model, when a Data Abort exception occurs during the execution of a
memory access instruction, the base register is always restored by the processor
Table 2-1 ARM9TDMI implementation option
Processor core
ARM
architecture
Data abort model
Value stored by direct
STR, STRT, and STM
of PC
ARM7TDMI
v4T
Base updated
Address of Inst + 12
ARM9TDMI
v4T
Base restored
Address of Inst + 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com