Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM940T Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ARM940T
Description  TECHNICAL REFERENCE MANUAL
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ARM940T Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ARM940T Datasheet HTML 35Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 36Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 37Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 38Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 39Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 40Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 41Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 42Page - List of Unclassifed Manufacturers ARM940T Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 230 page
background image
Programmer’s Model
ARM DDI 0144B
Copyright © 1999, 2000 ARM Limited. All rights reserved.
2-21
In the case of nFIQ and nIRQ, the processor is woken up regardless of whether the
interrupts are enabled or disabled (that is, independent of the I and F bits in the
processor CPSR). The debug-related waking only occurs if DBGEN is HIGH, that is,
only when debug is enabled.
If the interrupts are enabled, the ARM core is guaranteed to take the interrupt before
executing the instruction after the wait-for-interrupt. If you use debug request to wake
up the system, the processor enters debug-state before executing any more instructions.
Drain write buffer
This CP15 operation causes instruction execution to be stalled until the write buffer is
emptied. This operation is useful in real-time applications where the processor has to be
sure that a write to a peripheral has completed before program execution continues. An
example is where a peripheral in a bufferable region is the source of an interrupt. When
the interrupt has been serviced, the request must be removed before interrupts can be
re-enabled. This can be ensured if a drain write buffer operation separates the store to
the peripheral and the enable interrupt functions.
The drain write buffer function is invoked by a write to CP15 register 7 using the
following ARM instruction:
MCR p15, 0, Rd, c7, c10, 4
This stalls the processor core, with CPnWAIT asserted until any outstanding accesses
in the write buffer have been completed, that is, until all data has been written to
memory.
2.3.11
Register 8, reserved
You must not access (read or write) this register because it causes unpredictable
behavior.
2.3.12
Register 9, instruction and data lockdown registers
These registers allow regions of the cache to be locked down. The opcode_2 field
determines if the instruction or data caches are programmed:
•
If the opcode_2 field = 0, the data lockdown bits are programmed. For example:
MCR/MRC p15, 0, Rd, c9, c0, 0
; data lockdown control
•
If the opcode_2 field = 1, the instruction lockdown bits are programmed. For
example:
MCR/MRC p15, 0, Rd, c9, c0, 1
; instruction lockdown control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com