Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN30771 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ASFN30771
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30771 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ASFN30771 Datasheet HTML 1Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 2Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 3Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 4Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 5Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 6Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 7Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 8Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DCType
*Depending on the combination, not all specications can be met. For details, please consult us.
OrderingInformation
Rated voltage
0: 5 V DC
1: 12 V DC
2: 24 V DC
Size
1: 120 sq.
3: 30 sq.
4: 40 sq.
6: 60 sq.
8: 80 sq.
9: 92 sq.
Case thickness
3: 25t
7: 10t
B: 38t
ASFN 6
0
3
7
1
Speed
0: Standard speed
2: Middle speed
4: Low speed
Sensor when blocked
7: Without sensor
9: With sensor
• For the DC type, a super speed type (except ASFN3 and ASFN4 Series),
48 V DC type (only ASFN1
∗B∗∗ Series), and type with sensor can be special ordered.
02/2006
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com