Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN30771 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # ASFN30771
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30771 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button ASFN30771 Datasheet HTML 9Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 10Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 11Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 12Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 13Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 14Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 15Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 16Page - Panasonic Semiconductor ASFN30771 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DC FAN SENSOR
Functions of DC Fan Sensor
If the fan stops as a result of forced external restraint, a signal
will be generated to indicate that there is a problem. This signal
can be used to control an external warning circuit in order to help
prevent the device from overheating.
Although there are various detection methods for this sensor, we
employ the method that uses a logic circuit.
1. Lock sensor specifications
Output waveform
* Output may be high for approximately 0.5 seconds when power is turned
on.
* The continually high output waveform type when fan is stopped (locked)
is standard.
A high/low output waveform type and output waveform type that
corresponds to the rotation frequency during fan rotation are available
by special order.
Please inquire for details.
2. Sensor output circuit
Notes: 1. Set the resistance value (R) so that the sensor circuit current
(Ic) does not exceed 5 mA.
2. When using at TTL level, the sensor circuit current (Ic) should
be approximately 2 mA.
* Exceeding the values above may lead to IC damage.
Approx. 5 sec. or less
Fan rotating
Fan stopped
(locked)
Fan rotating
Approx. 5 sec. or less
VOH
VOL
0V
s
Vcc
Ic
R
Rating of sensor
• Sensor output:
• Vcc:
• Ic:
Open collector output
Max. 30 V
Max. 5 mA
Sensor output
Power
supply
Power
supply
Red
White
Black
02/2006
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com