Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASY512-AC-R Datasheet(PDF) 16 Page - Eaton All Rights Reserved.

Part # EASY512-AC-R
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY512-AC-R Datasheet(HTML) 16 Page - Eaton All Rights Reserved.

Back Button EASY512-AC-R Datasheet HTML 12Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 13Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 14Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 15Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 16Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 17Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 18Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 19Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 20Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
V7-T40-34
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
Technical Data and Specifications
EASY700/800/MFD Communication Interface Modules
EASY204-DP, EASY205-ASI, EASY221-CO, EASY222-DN, EASY209-SE 1
Notes
1 EASY209-SE is also compatible with EASY500 Intelligent Relays.
2 EASY204-DP dissipates 2W.
Description
Specification
Supply voltage
24 Vdc
Heat dissipation 2
1W
Connection cables
Solid
0.2 – 4.0 mm2 (AWG 22-12)
Flexible
0.2 – 2.5 mm2 (AWG 22-12)
Degree of protection
IP20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1,2,3,4
Ambient operating temperature
–25° to 55ºC
Transport and storage temperature
–40° to 70ºC
Certification, standards
EN 50178, IEC/EN 60947, UL, CSA
Mounting
On top-hat rail to DIN 50022, 35 mm or screw mounting with ZB4-101-GF1 fixing brackets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com