Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASY512-AC-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # EASY512-AC-R
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY512-AC-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  EASY512-AC-R Datasheet HTML 1Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 2Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 3Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 4Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 5Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 6Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 7Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 8Page - Eaton All Rights Reserved. EASY512-AC-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
V7-T40-22
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
Technical Data and Specifications
EASY500 Series
EASY700 Series
EASY800 Series
Note
1 Relay = 8A (10A to UL) with resistive load, 3A with inductive load. Transistor outputs = 0.5A/24 Vdc, maximum four outputs switchable in parallel.
Type
EASY512-AB…
EASY512-AC…
EASY512-DA…
EASY512-DC-R…
EASY512-DC-TC.
Supply voltage
24 Vac
100–240 Vac
12 Vdc
24 Vdc
24 Vdc
Heat dissipation
5 VA
5 VA
2W
2W
2W
Continuous current outputs 1
8A
8A
8A
8A
0.5A
Short-circuit proof with power factor 1
Line protection B16, 600 A
—
Short-circuit proof with power factor 0.7…0.7
Line protection B16, 900 A
—
Mounting
On top-hat rail to DIN 50022, 35 mm or screw mounting with ZB4-101-GF1 fixing brackets
Connection cables
Solid
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
Flexible
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
Degree of protection
IP 20
IP 20
IP 20
IP 20
IP 20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
Ambient operating temperature
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
Transport and storage temperature
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
Hazardous location
CSA Class I, Div. 2, Groups A, B, C, D; Temp. Code T3C
Type
EASY719-AB…
EASY719-AC…
EASY719-DA…
EASY719-DC-RC…
EASY721-DC-TC.
Supply voltage
24 Vac
100–240 Vac
12 Vdc
24 Vdc
24 Vdc
Heat dissipation
7 VA
10 VA
3.5W
3.5W
3.5W
Continuous current outputs 1
8A
8A
8A
8A
0.5A
Short-circuit proof with power factor 1
Line protection B16, 600A
Line protection B16, 600A
Line protection B16, 600A
Line protection B16, 600A
—
Short-circuit proof with power factor 0.7…0.7
Line protection B16, 900A
Line protection B16, 900A
Line protection B16, 900A
Line protection B16, 900A
—
Mounting
On top-hat rail to DIN 50022, 35 mm or screw mounting with ZB4-101-GF1 fixing brackets
Connection cables
Solid
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
Flexible
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
Degree of protection
IP 20
IP 20
IP 20
IP 20
IP 20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
Ambient operating temperature
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
Transport and storage temperature
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
Hazardous location
CSA Class I, Div. 2, Groups A, B, C, D; Temp. Code T3C
Type
EASY819-AC…
EASY819-DC-RC…
EASY820-DC-RC…
EASY821-DC-TC…
EASY822-DC-TC.
Supply voltage
100–240 Vac
24 Vdc
24 Vdc
24 Vdc
24 Vdc
Heat dissipation
10 VA
3.4W
3.4W
3.4W
3.4W
Continuous current outputs 1
8A
8A
8A
8A
0.5A
Short-circuit proof with power factor 1
Line protection B16, 600A
Line protection B16, 600A
Line protection B16, 600A
Line protection B16, 600A
—
Short-circuit proof with power factor 0.7…0.7
Line protection B16, 900A
Line protection B16, 900A
Line protection B16, 900A
Line protection B16, 900A
—
Mounting
On top-hat rail to DIN 50022, 35 mm or screw mounting with ZB4-101-GF1 fixing brackets
Connection cables
Solid
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
Flexible
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
Degree of protection
IP 20
IP 20
IP 20
IP 20
IP 20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
Ambient operating temperature
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
Transport and storage temperature
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
Hazardous location
CSA Class I, Div. 2, Groups A, B, C, D; Temp. Code T3C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com