Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASY512-DC-R Datasheet(PDF) 20 Page - Eaton All Rights Reserved.

Part # EASY512-DC-R
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY512-DC-R Datasheet(HTML) 20 Page - Eaton All Rights Reserved.

Back Button EASY512-DC-R Datasheet HTML 15Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 16Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 17Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 18Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 19Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 20Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 21Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 22Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 23Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
V7-T40-38
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
Technical Data and Specifications
EASY Power Supplies
Wiring Diagram
EASY256-HCI
Type
EASY200-POW
EASY400-POW
Supply voltage
100–240 Vac
100–240 Vac
Maximum range
85–264 Vac
85–264 Vac
Output voltage
24 Vdc (±3%)
24 Vdc (±3%)
Output current (rated value)
0.25A
1.25A
Overcurrent limitation form
0.3A
1.4A
Short-circuit proof (secondary)
Yes
Yes
Overload proof
Yes
Yes
Potential isolation (prim/sec.)
Yes, SELV, (to EN 600950, VDE 805)
Yes, SELV, (to EN 600950, VDE 805)
Others
Additional output voltage 12 DC, 20 mA
Additional output voltage 12 DC, 20 mA
Connection cables
Solid
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
Flexible
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
Degree of protection
IP20
IP 20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
Ambient operating temperature
–25 to 55°C
–25 to 55°C
Transport and storage temperature
–40 to 70°C
–40 to 70°C
Mounting
On top-hat rail to DIN 50022, 35 mm or screw mounting with ZB4-101-GF1 fixing brackets
L
N
> 1 A
S..
S..
L
115/230 Vh
Input 115/230 Vh
N
N
I1
I2
I3
I4
I5
NN
1
2
34
56
.....
EASY5..-AC-..
EASY7..-AC-..
EASY256-HCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com