Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASY512-DC-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # EASY512-DC-R
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY512-DC-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  EASY512-DC-R Datasheet HTML 1Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 2Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 3Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 4Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 5Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 6Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 7Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 8Page - Eaton All Rights Reserved. EASY512-DC-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
V7-T40-21
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3
Control Relays and Timers
EASY Intelligent Relays
Product Selection
EASY500 Intelligent Relays
EASY700 Intelligent Relays
EASY800 Intelligent Relays
Note
1 Analog inputs optional. Use of analog inputs will result in a decrease in the same number of available digital inputs.
Inputs
Outputs
Catalog
Number
Description
24 Vac
110–240 Vac
12 Vdc
24 Vdc
Analog 1
Relay
Transistor
Display
12 I/O, no clock
—
8
—
—
—
4
—
EASY512-AC-R
———8
2
4
—
EASY512-DC-R
12 I/O, clock
8
———2
4
—
EASY512-AB-RC
—8
———
4
—
EASY512-AC-RC
——8
—2
4
—
EASY512-DA-RC
———8
2
4
—
EASY512-DC-RC
———8
2
—4
EASY512-DC-TC
No Display
12 I/O, clock
8
———2
4
—
EASY512-AB-RCX
—8
———
4
—
EASY512-AC-RCX
——8
—2
4
—
EASY512-DA-RCX
———8
2
4
—
EASY512-DC-RCX
———8
2
—4
EASY512-DC-TCX
Inputs
Outputs
Catalog
Number
Description
24 Vac
110–240 Vac
12 Vdc
24 Vdc
Analog 1
Relay
Transistor
Display
18 I/O, clock
12
———4
6
—
EASY719-AB-RC
—12
———
6
—
EASY719-AC-RC
——12
—4
6
—
EASY719-DA-RC
———12
4
6
—
EASY719-DC-RC
20 I/O, clock
———12
4
—8
EASY721-DC-TC
No Display
18 I/O, clock
12
———4
6
—
EASY719-AB-RCX
—12
———
6
—
EASY719-AC-RCX
——12
—4
6
—
EASY719-DA-RCX
———12
4
6
—
EASY719-DC-RCX
20 I/O, clock
———12
4
—8
EASY721-DC-TCX
Inputs
Outputs
Catalog
Number
Description
110–240 Vac
24 Vdc
Analog 1
Relay
Transistor
Analog
Display
18 I/O, clock
12
—
—
6
—
—
EASY819-AC-RC
—12
4
6
——
EASY819-DC-RC
19 I/O, clock
—
12
4
6
—
1
EASY820-DC-RC
20 I/O, clock
—
12
4
—
8
—
EASY821-DC-TC
21 I/O, clock
—
12
4
—
8
1
EASY822-DC-TC
No Display
18 I/O, clock
12
—
—
6
—
—
EASY819-AC-RCX
—12
4
6
——
EASY819-DC-RCX
19 I/O, clock
—
12
4
6
—
1
EASY820-DC-RCX
20 I/O, clock
—
12
4
—
8
—
EASY821-DC-TCX
21 I/O, clock
—
12
4
—
8
1
EASY822-DC-TCX
EASY500 with Display
EASY500 without
Display
EASY700 with Display
EASY700 without
Display
EASY800 with Display
EASY800 without
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com