Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFD-R16 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MFD-R16
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFD-R16 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MFD-R16 Datasheet HTML 1Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 2Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 3Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 4Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 5Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 6Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 7Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 8Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
V7-T40-20
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
EASY500/700/800 Intelligent Relays
Contents
Description
Page
EASY500/700/800 Intelligent Relays
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-21
Technical Data and Specifications . . . . . . . . . . .
V7-T40-22
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-23
EASY/MFD Expansion Modules . . . . . . . . . . . . . .
V7-T40-25
MFD Intelligent Relays . . . . . . . . . . . . . . . . . . . . .
V7-T40-28
EASY/MFD Communication Modules . . . . . . .
V7-T40-33
EASY/MFD Power Supplies, Accessories
and Software . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-36
EASY500/700/800 Intelligent Relays
Product Description
Three families make up
the EASY Intelligent Relay
product line.
EASY500 Series—for
controlling small applications
with up to 12 input/output
signals. Models are available
with and without displays.
DIN rail mounted.
EASY700 Series—for
controlling medium-sized
applications with 20 I/O points
(expandable to 40 I/O points).
DIN rail mounted.
EASY800 Series—for
controlling large-scale
applications with 20 points,
expandable to 40 points
locally, and expandable using
the EASY-NET network up to
320 I/O points. Models are
available with and without
displays. DIN rail mounted.
The EASY-NET integrated
network provides easy and
inexpensive linking of up
to eight EASY800 devices
over a distance of up to
1000 meters. Each EASY800
device can run its own
program, or be used as a
distributed input/output
module. Connect up to
eight controllers with up
to 40 I/O to obtain 320 I/O.
Standards and Certifications
●
EN 50178
●
IEC/EN 60947
●
UL
●
CSA
●
CSA Class I, Div. 2,
Groups A, B, C, D;
Temp. Code T3C
Catalog Number Selection
EASY500/700/800
Note: Not all combinations are possible. See selection tables.
Display
Blank = Display
X = No display
Digital Outputs
R = Relay
T = Transistor
Clock
C = Clock
Blank = No clock
Digital Inputs
AB = 24 Vac
AC = 110–240 Vdc
DA = 12 Vdc
DC = 24 Vdc
EASY7xx -AC -T C X
Module Type
EASY5xx = 500 Series
EASY7xx = 700 Series
EASY8xx = 800 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com