Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFD-R16 Datasheet(PDF) 22 Page - Eaton All Rights Reserved.

Part # MFD-R16
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFD-R16 Datasheet(HTML) 22 Page - Eaton All Rights Reserved.

Back Button MFD-R16 Datasheet HTML 15Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 16Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 17Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 18Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 19Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 20Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 21Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 22Page - Eaton All Rights Reserved. MFD-R16 Datasheet HTML 23Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
V7-T40-40
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
Approximate Dimensions in Inches (mm)
SKF-FF4 and SKF-FF6 Series, Drawing Number MD05013014E
SKF-HA Series, Drawing Number MD05013015E
ZB4-101-GF1 Series
3.70
(94.0)
2.99
(76.0)
0.98
(25.0)
0.63
(16.0)
0.63
(16.0)
5.12
(130.0)
2.99
(76.0)
0.98
(25.0)
SKF-FF4
SKF-FF6
2.60
(66.0)
0.43
(11.0)
3.23
(82.0)
1.89
(48.0)
SKF-HA
Fitting on 35 mm Top-Hat Rail
Fitting on Mounting Plate (Horizontal)
ZB4-101-GF1
* 3 fixing feet sufficient
**
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com