Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC2041UFDB Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC2041UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2041UFDB Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC2041UFDB Datasheet HTML 1Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 2Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 3Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 4Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 5Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 6Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 7Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 8Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DMC2041UFDB
Document number: DS37420 Rev. 3 - 2
5 of 10
www.diodes.com
February 2020
© Diodes Incorporated
DMC2041UFDB
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.02
0.021
0.022
0.023
0.024
0.025
0.026
0.027
0.028
0.029
0.03
0
2
4
6
8
10
12
14
16
18
20
V
= 2.5V
GS
V
= 4.5V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0.015
0.02
0.025
0.03
0.035
0.04
0
2
4
6
8
10
12
14
16
18
20
T = -55
A
T = 25
A
T = 85
A
T = 125
A
T = 150
A
V
= 4.5V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 4.2A
GS
D
V
=
V
I = 3.3A
GS
D
2.5
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
150
V
=
V
I = 3.3A
GS
D
2.5
V
=
V
I = 4.2A
GS
D
4.5
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
T = -55
A
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = 25
A
T = 85
A
T = 125
A
T = 150
A
TA = 25°C
TA = -55°C
TA = 85°C
TA = 125°C
TA = 150°C
TA = 25°C
TA = -55°C
TA = 85°C
TA = 125°C
TA = 150°C
ID=250A
Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com