Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC2041UFDB Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMC2041UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2041UFDB Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DMC2041UFDB Datasheet HTML 2Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 3Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 4Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 5Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 6Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 7Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 8Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 9Page - Diodes Incorporated DMC2041UFDB Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DMC2041UFDB
Document number: DS37420 Rev. 3 - 2
8 of 10
www.diodes.com
February 2020
© Diodes Incorporated
DMC2041UFDB
Q
(nC)
g, TOTAL GATE CHARGE
Figure 22 Gate Charge
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
V
= -10V
I =
A
DS
D
-3.7
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 23 SOA, Safe Operation Area
DS
T
= 150
T = 25
V
= -4.5V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
R
Limited
DS(on)
0.01
0.1
1
10
100
0.1
1
10
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100
W
100
t1, PULSE DURATION TIMES (sec)
Figure 24 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 163
癈 /W
Duty Cycle, D = t1/ t2

JA
JA
JA
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
D = 0.9
163°C/W
TJ(MAX) = 150°C
TA = 25°C
=100
s
Figure 23
Figure 22
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com