Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV6115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPXV6115VC6U
Rev 1, 05/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
High Temperature Accuracy
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPXV6115VC6U sensor integrates on-chip, bipolar op amp circuitry and
thin film resistor networks to provide a high output signal and temperature
compensation. The small form factor and high reliability of on-chip integration
make the Freescale Semiconductor, Inc. pressure sensor a logical and
economical choice for the system designer.
The MPXV6115VC6U piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a
pressure sensor chip.
Features
•
Improved Accuracy at High Temperature
•
1.5% Maximum Error over 0
° to 85°C
•
Ideally suited for Microprocessor or Microcontroller-Based Systems
•
Temperature Compensated from -40
° to +125°C
•
Durable Thermoplastic (PPS) Surface Mount Package
Typical Applications
•
Vacuum Pump Monitoring
•
Brake Booster Monitoring
Figure 1. Fully Integrated Pressure Sensor Schematic
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device Marking
Ported
Element
Vacuum,
Axial Port
482A
MPXV6115VC6U
Rails
MPXV6115V
MPXV6115VC6U
INTEGRATED
PRESSURE SENSOR
-115 TO 0 kPA (-16.7 TO 2.2 psi)
0.2 TO 4.6 VOLTS OUTPUT
MPXV6115VC6U
CASE 482A-01
PIN NUMBER(1)
1. Pins 1, 5, 6, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is denoted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
SMALL OUTLINE PACKAGE
Sensing
Element
GND
Vout
VS
Pins 4, 5, and 6 are no connects
Thin Film
Temperature
Compensation
And
Gain Stage #1
Gain Stage #2
And
Ground
Reference
Shift Circuitry


Similar Part No. - MPXV6115VC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
188Kb / 11P
MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
Rev. 4.0, 09/2015
More results

Similar Description - MPXV6115VC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV5050VC6T1 FREESCALE-MPXV5050VC6T1 Datasheet
182Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050V FREESCALE-MP3V5050V Datasheet
92Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com