Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet (PDF) - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXV6115VC6U
Download  MPXV6115VC6U Download
File Size   188.75 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor

MPXV6115VC6U Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXV6115VC6U Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Download  MPXV6115VC6U Click to download

File Size   188.75 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor

MPXV6115VC6U Datasheet (HTML) - Freescale Semiconductor, Inc


MPXV6115VC6U Product details

Features
• Improved accuracy at high temperature
• 1.5% maximum error from 0 to 85 °C
• Ideally suited for microprocessor- or microcontroller-based systems
• Temperature compensated from -40 to +125 °C
• Durable thermoplastic surface mount package

Typical applications
• Vacuum pump monitoring
• Brake booster monitoring




Similar Part No. - MPXV6115VC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
207Kb / 8P
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Similar Description - MPXV6115VC6U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7115D4 NXP-FXPS7115D4 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 3-5 December 2019
MP3H6115A NXP-MP3H6115A Datasheet
246Kb / 14P
MP3H6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 6.1, 06/2015
MPXA6115A NXP-MPXA6115A Datasheet
385Kb / 20P
MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
FXPS7115D4 NXP-FXPS7115D4_V01 Datasheet
957Kb / 75P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6 - 6 June 2022
FXPS7115D4S NXP-FXPS7115D4S Datasheet
1Mb / 74P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1-9 August 2022
FXPS7115D4S NXP-FXPS7115D4S_V01 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.1 - 7 June 2023
FXPS7115D4 NXP-FXPS7115D4_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.1 - 7 June 2023
FXPS7115D4 NXP-FXPS7115D4_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.4 - 3 November 2023
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com