Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXV6115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MPXV6115V
Sensors
6
Freescale Semiconductor, Inc.
Figure 5. Output vs. Absolute Pressure
Figure 6. Transfer function
Figure 7. Temperature error band
Figure 8. Pressure error band
Transfer Function:
VOUT = VS*[(0.007652*P) + 0.92] ± (Pressure error)
VOUT vs. Vacuum
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
*Temp Factor*0.007652*VS)
VS = 5.0 V ± 0.25 VDC
TEMP = 0
°-85° C
–115
–95
–75
–55
–35
-15
0
Min
Max
Nominal Transfer Value:
VOUT = VS x (0.007652 x P + 0.92)
± (Pressure Error x Temp. Factor x 0.007652 x VS)
VS = 5.0 ± 0.25 VDC
Temperature in °C
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
130
120
100
80
–40
3
0 to 85
1
125
2
NOTE: The temperature multiplier is a linear response from 0 to –40 °C and from 85 to 125 °C.
140
Temp.
Multiplier
Pressure in kPa
(below atmospheric)
1.950
1.725
1.500
-1.500
-1.725
-1.950
0
-115
-100
-85
-45
-30
-15
0
Pressure
Error (max)
Error Limits for Pressure
± 1.725 kPa
-115 to 0 kPa
-1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com