Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MPXV6115V
Sensors
10
Freescale Semiconductor, Inc.
5
Revision History
Table 4. Revision history
Revision
number
Revision
date
Description of changes
2
10/2012
• Added devices MPXB611V6U and MPX6115V6T1 and corresponding package, 482.
3
01/2013
• Corrected psi range on page 1, device description box
4.0
09/2015
• Updated format.
• Corrected figure 4.
• Added vacuum pressure information to section 3.
• Updated case outline 98ASB17756C with current version.
• Deleted obsolete device MPXV6115VC6T1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com