Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXV6115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MPXV6115V
Sensors
4
Freescale Semiconductor, Inc.
2
Mechanical and Electrical Specifications
2.1
Maximum ratings
2.2
Operating characteristics
Table 2. Maximum ratings(1)
1.
Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Parametrics
Symbol
Value
Units
Maximum pressure (P1
> P2)
Pmax
400
kPa
Storage temperature
Tstg
-40 to +125
°C
Operating temperature
TA
-40 to +125
°C
Output source current @ full-scale output(2)
2.
Maximum output current is controlled by effective impedance from VOUT to GND or VOUT to VS in the application circuit.
Io+0.5
mAdc
Output sink current @ minimum pressure offset(2)
Io--0.5
mAdc
Table 3. Operating characteristics (VS = 5.0 VDC, TA = 25 °C unless otherwise noted, P1 > P2.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure range
POP
–115
—
0
kPa
Supply voltage(1)
1.
Device is ratiometric within this specified excitation range.
VS
4.75
5.0
5.25
VDC
Supply current
Io
—
6.0
10
mAdc
Full-scale output(2) (0 to 85 °C), @ VS = 5.0 Volts
2.
Full-scale output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.534
4.6
4.665
VDC
Full-scale span(3) (0 to 85 °C), @ VS = 5.0 Volts
3.
Full-scale span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
—4.4
—
VDC
Accuracy(4) (0 to 85 °C)
4.
Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span
at 25 °C due to all sources of error including the following:
Linearity: Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure hysteresis: Output deviation at any pressure within the specified range, when this pressure is cycled to and from minimum or
maximum rated pressure at 25 °C
TcSpan: Output deviation over the temperature range of 0 to 85 °C, relative to 25 °C.
TcOffset: Output deviation with minimum pressure applied, over the temperature range of 0 to 85 °C, relative to 25 °C.
———
±1.5
%VFSS
Sensitivity
V/P
—
38.26
—
mV/kPa
Response time(5)
5.
Response time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—
ms
Warm-up time(6)
6.
Warm-up time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
——
20
—
ms
Offset stability(7)
7.
Offset stability is the product's output deviation when subjected to 1000 cycles of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com