Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXV6115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MPXV6115V
Sensors
Freescale Semiconductor, Inc.
5
3
On-chip Temperature Compensation and Calibration
Figure 3 illustrates the absolute sensing chip in the basic small outline chip carrier ().
Figure 4 shows a typical application circuit (output source current operation).
Figure 5 shows the sensor output signal relative to pressure input. Typical minimum and maximum output curves are shown for
operation over 0 to 85 °C temperature range. The output will saturate outside of the rated pressure range.
A fluorosilicone gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm. The MPXV6115V series pressure sensor operating characteristics, internal reliability and
qualification tests are based on use of dry air as the pressure media. Media other than dry air may have adverse effects on sensor
performance and long-term reliability. Contact the factory for information regarding media compatibility in your application.
The MPXV6115V is optimized to perform in vacuum pressures applied to port P1. The sensor is calibrated and temperature
compensated to give a positive electrical output upon measuring a vacuum pressure up to the rated pressure of up to -115 kPa
where the output will be the full-scale voltage listed in Table 3.
Figure 3. Cross-sectional diagram (not-to-scale)
Figure 4. Typical application circuit (output source current operation)
Fluorosilicone
Gel Die Coat
Differential Sensing
Element
Stainless
Steel Cap
P1
P2
Die Bond
Die
Thermoplastic
Case
Lead
Frame
Wire
Bond
VS
+5.1 V
GND
VOUT
To ADC
1
μF
51 K
47 pF
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com