Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXV6115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPXV6115V
Sensors
Freescale Semiconductor, Inc.
3
1
General Description
1.1
Block diagram
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Integrated pressure sensor block diagram
1.2
Pinout
Figure 2. Device pinout (top view)
Table 1. Pin functions
Pin
Name
Function
1
DNC
Do not connect to external circuitry or ground. Pin 1 is notated by the notch in the lead or chamfered corner.
2VS
Voltage supply
3
GND
Ground
4VOUT
Output voltage
5
DNC
Do not connect to external circuitry or ground.
6
DNC
Do not connect to external circuitry or ground.
7
DNC
Do not connect to external circuitry or ground.
8
DNC
Do not connect to external circuitry or ground.
VOUT
VS
Sensing
Element
GND
Thin Film
Temperature
Compensation
and Calibration
Circuitry
Gain Stage #2
and
Ground
Reference
Shift Circuitry
Pins 1, 5, 6, 7, and 8 are internal device connections.
Do not connect to external circuitry or ground.
Pin 1 identification,
notch on first pin or chamfered corner.
1
2
3
4
5
6
7
8
DNC
DNC
DNC
DNC
DNC
VS
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com