Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6U Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6U
Description  MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6U Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV6115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV6115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
Freescale Semiconductor
Document Number: MPXV6115V
Data Sheet: Technical Data
Rev. 4.0, 09/2015
© 2009-2013, 2015 Freescale Semiconductor, Inc. All rights reserved.
MPXV6115V, -115 to 0 kPa, Gauge,
and Absolute Pressure Sensor
The MPXV6115V series sensor integrates on-chip, bipolar op-amp circuitry and
thin film resistor networks to provide a high output signal and temperature
compensation. The small form factor and high reliability of on-chip integration
make this pressure sensor a logical and economical choice for the system
designer.
The MPXV6115V series piezoresistive transducer is a state-of-the-art, monolithic,
signal conditioned, silicon pressure sensor. This sensor combines advanced
micromachining techniques, thin film metallization, and bipolar semiconductor
processing to provide an accurate, high level analog output signal that is
proportional to applied pressure.
Features
•
Improved accuracy at high temperature
•
1.5% maximum error from 0 to 85
°C
•
Ideally suited for microprocessor- or microcontroller-based systems
•
Temperature compensated from -40 to +125
°C
•
Durable thermoplastic surface mount package
Typical applications
•
Vacuum pump monitoring
•
Brake booster monitoring
Ordering information
Device name
Shipping
Package
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package
MPXV6115V6U
Rail
98ASB17756C
•
Vacuum/
Gauge
MPXV6115V
MPXV6115V6T1
Tape and Reel 98ASB17756C
•
Vacuum/
Gauge
MPXV6115V
MPXV6115VC6U
Rail
98ASB17757C
•
Vacuum/
Gauge
MPXV6115V
MPXV6115V
Small outline package
MPXV6115VC6U
Case 98ASB17757C
Top view
MPXV6115V6U/6T1
Case 98ASB17756C
Pinout
Pin 1 identification,
notch on first pin or chamfered corner.
1
2
3
4
5
6
7
8
DNC
DNC
DNC
DNC
DNC
VS
GND
VOUT


Similar Part No. - MPXV6115VC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
207Kb / 8P
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
More results

Similar Description - MPXV6115VC6U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7115D4 NXP-FXPS7115D4 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 3-5 December 2019
MP3H6115A NXP-MP3H6115A Datasheet
246Kb / 14P
MP3H6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 6.1, 06/2015
MPXA6115A NXP-MPXA6115A Datasheet
385Kb / 20P
MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
FXPS7115D4 NXP-FXPS7115D4_V01 Datasheet
957Kb / 75P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6 - 6 June 2022
FXPS7115D4S NXP-FXPS7115D4S Datasheet
1Mb / 74P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1-9 August 2022
FXPS7115D4S NXP-FXPS7115D4S_V01 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.1 - 7 June 2023
FXPS7115D4 NXP-FXPS7115D4_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.1 - 7 June 2023
FXPS7115D4 NXP-FXPS7115D4_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.4 - 3 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com