Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C96 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN91C96
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN91C96 Datasheet HTML 35Page - SMSC Corporation LAN91C96 Datasheet HTML 36Page - SMSC Corporation LAN91C96 Datasheet HTML 37Page - SMSC Corporation LAN91C96 Datasheet HTML 38Page - SMSC Corporation LAN91C96 Datasheet HTML 39Page - SMSC Corporation LAN91C96 Datasheet HTML 40Page - SMSC Corporation LAN91C96 Datasheet HTML 41Page - SMSC Corporation LAN91C96 Datasheet HTML 42Page - SMSC Corporation LAN91C96 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
SMSC LAN91C965v&3v
Page 39
Rev. 09/10/2004
DATASHEET
ODDFRM - This bit when set indicates that the received frame had an odd number of bytes.
TOOLNG - The received frame is longer than the 802.3 maximum size (1518 bytes on the cable).
TOOSHORT - The received frame is shorter than the 802.3 minimum size (64 bytes on the cable).
HASH VALUE - Provides the hash value used to index the Multicast Registers. Can be used by receive
routines to speed up the group address search. The hash value consists of the six most significant bits of
the CRC calculated on the Destination Address, and maps into the 64 bit multicast table. Bits 5,4,3 of the
hash value select a byte of the multicast table, while bits 2,1,0 determine the bit within the byte selected.
Examples of the address mapping are shown in the table below:
ADDRESS
HASH VALUE 5-0
MULTICAST TABLE BIT
ED 00 00 00 00 00
0D 00 00 00 00 00
01 00 00 00 00 00
2F 00 00 00 00 00
000 000
010 000
100 111
111 111
MT-0 bit 0
MT-2 bit 0
MT-4 bit 7
MT-7 bit 7
MULTCAST - Receive frame was multicast. If hash value corresponds to a multicast table bit that is set,
and the address was a multicast, the packet will pass address filtering regardless of other filtering criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com