Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C96 Datasheet(PDF) 85 Page - SMSC Corporation

Part # LAN91C96
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button LAN91C96 Datasheet HTML 81Page - SMSC Corporation LAN91C96 Datasheet HTML 82Page - SMSC Corporation LAN91C96 Datasheet HTML 83Page - SMSC Corporation LAN91C96 Datasheet HTML 84Page - SMSC Corporation LAN91C96 Datasheet HTML 85Page - SMSC Corporation LAN91C96 Datasheet HTML 86Page - SMSC Corporation LAN91C96 Datasheet HTML 87Page - SMSC Corporation LAN91C96 Datasheet HTML 88Page - SMSC Corporation LAN91C96 Datasheet HTML 89Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
SMSC DS – LAN91C965v&3v
Page 85
Rev. 09/10/2004
DATASHEET
In that case TXENA will be cleared and the CPU should restart the transmission by setting it again. If a
transmission is successful, TXENA stays set and the CSMA/CD is provided by the DMA block with the
next packet to be transmitted.
For receive, the CPU sets RXEN as a way of starting the CSMA/CD block receive process. The CSMA/CD
block will send data after address filtering through the data path to the DMA block. Data is transferred into
memory as it is received, and the final check on data acceptance is the CRC checking done by the
CSMA/CD block. In any case, the DMA takes care of requesting/releasing memory for receive packets, as
well as generating the byte count.
The receive status word is provided by the CSMA/CD block and written in the first location of the receive
structure by the DMA block. If configured for storing CRC in memory, the CSMA/CD unit will transfer the
CRC bytes through the DMA interface, and then will be treated like regular data bytes.
Note that the receive status word of any packet is available only through memory and is not readable
through any other register. In order to let the CPU know about receive overruns, the RX_OVRN INT is set
and latched in the Interrupt Status Register, which is readable by the CPU at any time.
The address filtering is done inside the CSMA/CD block. A packet will be received if the destination
address is broadcast, or if it is addressed to the individual address of the LAN91C96, or if it is a multicast
address and ALMUL bit is set, or if it is a multicast address matching one of the multicast table entries. If
the PRMS bit is set, all packets are received. The CSMA/CD block is a full duplex machine, and when
working in full duplex mode, the CSMA/CD block will be simultaneously using its data path transmit and
receive interfaces.
Statistical counters are kept by the CSMA/CD block, and are readable through the appropriate register.
The counters are four bits each, and can generate an interrupt when reaching their maximum values.
Software can use that interrupt to update statistics in memory, or it can keep the counter interrupt disabled,
while relying on the transmit interrupt routine reading the counters. Given that the counters can increment
only once per transmit, this technique is a good complement for the single interrupt per sequence strategy.
The interface between the CSMA/CD block and memory is word oriented. Two bi-directional FIFOs make
the data path interface.
Whenever a normal collision occurs (less than 16 retries), the CSMA/CD will trigger the backoff logic and
will indicate the DMA logic of the collision. The DMA is responsible for restarting the data transfer into the
CSMA/CD block regardless of whether the collision happened on the preamble or not.
Only when 16 retries are reached, the CSMA/CD block will clear the TXENA bit, and CPU intervention is
required. The DMA will not automatically restart data transfer in this case, nor will it transmit the next
enqueued packet until TXENA is set by the CPU. The DMA will move the packet number in question from
the TX FIFO into the TX completion FIFO.
9.9
Network Interface
The LAN91C96 includes both an AUI interface for thick and thin coax applications and a 10BASE-T
interface for twisted pair applications. Functions common to both are:
1.
Manchester encoder/decoder to convert NRZ data to Manchester encoded data and back.
2.
A 32ms jabber timer to prevent inadvertently long transmissions. When 'jabbing' occurs, the
transmitter is disabled, automatic loopback is disabled (in 10BASE-T mode), and a collision indication
is given to the controller. The interface 'unjabs' when the transmitter has been idle for a minimum of
256 ms.
3.
A phase-lock loop to recover data and clock from the Manchester data stream with up to plus or minus
18ns of jitter.
4.
Diagnostic loopback capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com