Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874003 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS874003
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874003 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS874003 Datasheet HTML 1Page - Integrated Circuit Systems ICS874003 Datasheet HTML 2Page - Integrated Circuit Systems ICS874003 Datasheet HTML 3Page - Integrated Circuit Systems ICS874003 Datasheet HTML 4Page - Integrated Circuit Systems ICS874003 Datasheet HTML 5Page - Integrated Circuit Systems ICS874003 Datasheet HTML 6Page - Integrated Circuit Systems ICS874003 Datasheet HTML 7Page - Integrated Circuit Systems ICS874003 Datasheet HTML 8Page - Integrated Circuit Systems ICS874003 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
874003AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
1
ICS874003
PCI EXPRESS
JITTER ATTENUATOR
F_SELA
0
÷5 (default)
1
÷4
F_SELB
0
÷5 (default)
1
÷4
VCO
490 - 640MHz
Phase
Detector
M = ÷5 (fixed)
GENERAL DESCRIPTION
The ICS874003 is a high performance Dif-
ferential-to-LVDS Jitter Attenuator designed for
use in PCI Express systems. In some PCI
Express systems, such as those found in
desktop PCs, the PCI Express clocks are
generated from a low bandwidth, high phase noise PLL
frequency synthesizer. In these systems, a jitter attenuator
may be required to attenuate high frequency random and
deterministic jitter components from the PLL synthesizer
and from the system board. The ICS874003 has 3 PLL
bandwidth modes: 200kHz, 400kHz, and 800kHz. The
200kHz mode will provide maximum jitter attenuation, but
with higher PLL tracking skew and spread spectrum
modulation from the motherboard synthesizer may be
attenuated. The 400kHz provides an intermediate bandwidth
that can easily track triangular spread profiles, while
providing good jitter attenuation. The 800kHz bandwidth
provides the best tracking skew and will pass most spread
profiles, but the jitter attenuation will not be as good as the
lower bandwidth modes. Because some 2.5Gb serdes have
x20 multipliers while others have than x25 multipliers, the
ICS874003 can be set for 1:1 mode or 5/4 multiplication
mode (i.e. 100MHz input/125MHz output) using the FSEL pins.
The ICS874003 uses ICS 3rd Generation FemtoClockTM
PLL technology to achive the lowest possible phase noise.
The device is packaged in a 20 Lead TSSOP package,
making it ideal for use in space constrained applications
such as PCI Express add-in cards.
FEATURES
• Three Differential LVDS output pairs
• One Differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 160MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 35ps (maximum)
• 3.3V operating supply
• Three bandwidth modes allow the system designer to
make jitter attenuation/tracking skew design trade-offs
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
QA0
nQA0
BLOCK DIAGRAM
BW_SEL
0 = PLL Bandwidth: ~200kHz
Float = PLL Bandwidth: ~400kHz (default)
1 = PLL Bandwidth: ~800kHz
PLL BANDWIDTH
Pulldown
OEA
F_SELA
BW_SEL
CLK
nCLK
F_SELB
MR
OEB
QA1
nQA1
QB0
nQB0
Pulldown
Pulldown
Pullup
Pullup
Pullup
Float
PIN ASSIGNMENT
ICS874003
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
QA1
VDDO
QA0
nQA0
MR
BW_SEL
nc
VDDA
F_SELA
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nQA1
VDDO
QB1
nQB1
F_SELB
OEB
GND
nCLK
CLK
OEA
Pulldown
0 = ~200kHz
Float = ~400kHz
1 = ~800kHz


Similar Part No. - ICS874003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-02 IDT-ICS874003-02 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
PCI EXPRESS™ Jitter Attenuator
2010
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
More results

Similar Description - ICS874003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
PCI Express, Jitter Attenuator
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
PCI Express Jitter Attenuator
March 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com