Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRSS-H4DR10THGWT Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MRSS-H4DR10THGWT
Description  MRSS - MINIATURE ROTARY SWITCH SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MRSS-H4DR10THGWT Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MRSS-H4DR10THGWT Datasheet HTML 1Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 2Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 3Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 4Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIAL / MRSS- MINIATURE ROTARY SWITCH SERIES
MRSS - Miniature rotary switch series
Rating
0.4VA @ 20V DC or AC MAX.
Contact Resistance
100mΩ MAX @2VDC 10mA initial
Operation Temperature
-40°C to 85°C
Mechanical Life
10,000 steps
Electrical Life
10,000 steps @ 5VDC, 10mA
Withstanding Voltage
250VAC for 1 min
Operation Force
2.0mN-m MIN, 19.6mN m MAX.
Soldering Conditions
Manual
Temp of iron tip: 320°C MAX. for 4±1 sec
Flow
Preheat 100 to 105°C for 30±5 sec
Solder temp 265°C ±3°C for 8±2 sec
Reflow
Preheat 160 to 190°C for 90 to 120 sec
Reflow temp 225°C (switch surface) for 20 to 60 sec
Peak temp 255°C (switch surface) MAX.
.
MRSS Series – Type Classification
Components
Material
Finish
Components
Material
Finish
Case
PSS
Color: Black
Fixed contact
Cu alloy
Au flash
Frame
PSS
Color: Light Brown, Black
Movable contact
Cu alloy
Au plated
Rotar
LCP
Color: White
Holder
SUS
Silver
Plate
SUS
-
-
-
-
Material Specifications
Circuit type
Terminal Identification viewed from bottom switch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com