Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRSS-H4DR10THGWT Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # MRSS-H4DR10THGWT
Description  MRSS - MINIATURE ROTARY SWITCH SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MRSS-H4DR10THGWT Datasheet(HTML) 3 Page - TE Connectivity Ltd

  MRSS-H4DR10THGWT Datasheet HTML 1Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 2Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 3Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 4Page - TE Connectivity Ltd MRSS-H4DR10THGWT Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
INDUSTRIAL / MRSS- MINIATURE ROTARY SWITCH SERIES
MRSS - Miniature rotary switch series
Position
0 1 2 3 4 5 6 7 8 9
1
2
4
8
C
O
D
E
Position
0 1 2 3 4 5 6 7 8 9 A B C D E F
1
2
4
8
C
O
D
E
Position
0 1 2 3 4 5 6 7 8 9
1
2
4
8
C
O
D
E
Position
0 1 2 3 4 5 6 7 8 9 A B C D E F
1
2
4
8
C
O
D
E
Position
0 1 2 3 4 5 6 7 8 9
1
2
4
8
C
O
D
E
Position
0 1 2 3 4 5 6 7 8 9 A B C D E F
1
2
4
8
C
O
D
E
R - Real code. 10 and 16 positions.
C - Complement code. 10 and 16 positions.
G - Gray code. 10 and 16 positions.
BDC
BDC Complement
BDC Gray
Hexadecimal
Hexadecimal Complement
Hexadecimal Gray



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com