Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS100DH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APS100DH
Description  18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APS100DH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APS100DH Datasheet HTML 1Page - List of Unclassifed Manufacturers APS100DH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 73.0g (2.6 Oz.)
SINGLE OUTPUT
INPUT Vdc
OUTPUT VO1 ? @ #
MODEL NO.
Range
Nominal
Min.
Volt.
Max.
APS100HD-24B-S018
18-36Vdc
24Vdc
0A
1.8Vdc
30A
APS100HD-24B-S025
18-36Vdc
24Vdc
0A
2.5Vdc
30A
APS100HD-24B-S033
18-36Vdc
24Vdc
0A
3.3Vdc
30A
APS100HD-24B-S050
18-36Vdc
24Vdc
0A
5.0Vdc
25A
APS100HD-24B-S120
18-36Vdc
24Vdc
0A
12.0Vdc
12A
APS100HD-24B-S150
18-36Vdc
24Vdc
0A
15.0Vdc
10A
DUAL OUTPUT
INPUT Vdc
OUTPUT VO1 ? @
AUX. OUTPUT VO2 ? @
MODEL NO.
Range
Nominal
Min.
Typ.
Volt.
Max.
Min.
Typ.
Volt.
Max.
APS100HD-24B-D025B
18-36Vdc
24Vdc
2.0A
18A
2.5Vdc
25A
0A
18A
1.8Vdc
25A
APS100HD-24B-D033B
18-36Vdc
24Vdc
2.0A
17A
3.3Vdc
24A
0A
18A
1.8Vdc
25A
APS100HD-24B-D033C
18-36Vdc
24Vdc
2.0A
17A
3.3Vdc
24A
0A
15A
2.5Vdc
20A
APS100HD-24B-D050C
18-36Vdc
24Vdc
2.0A
14A
5.0Vdc
20A
0A
15A
2.5Vdc
20A
APS100HD-24B-D050D
18-36Vdc
24Vdc
2.0A
14A
5.0Vdc
20A
0A
12A
3.3Vdc
18A
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
PIN# 1.
+Vin
+Vin
PIN# 2.
Remote
ON/OFF
Remote
ON/OFF
PIN# 3.
CASE
CASE
PIN# 4.
-Vin
-Vin
PIN# 5.
DC COM.
VO2
PIN# 6.
-SENSE
DC COM
PIN# 7.
VO1 ADJ.
VO2 ADJ.
PIN# 8.
+SENSE
VO1
PIN# 9.
VO1
DC COM
PIN# 10.
-------
VO1 ADJ.
DUAL O/P
SINGLE O/P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com