Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS100DH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APS100DH
Description  18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APS100DH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APS100DH Datasheet HTML 1Page - List of Unclassifed Manufacturers APS100DH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER
MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
APS100HD-24B-S&D SERIES
Advanced Power Solutions
FEATURES:
n
SINGLE & DAUL OUTPUT
n
WIDE 2:1 INPUT RANGE
n
1500VDC ISOLATION
n
STANDARD HALF-BRICK PACKAGE
n
HIGH-EFFICIENCY POWER MODULE
n
UNDER-VOLTAGE LOCKOUT
n DESIGNED TO MEET INTERNATIONAL
SAFETY STANDARDS
GENERAL SPECIFICATION
Efficiency: Typ. 83.8-87%, various with input.
Switching Frequency: Fixed frequency 330K Hz.
Circuit Topology: Forward Circuit.
Transient Response: Peak transient <220mV and recovers
within 1mS after 25% load-change.
Power Density: 36.0 Watts / Cubic inch.
Operating Temperature: -40 to +100°C (baseplate).
Storage Temperature: -40 to +100 °C.
Temperature Coefficient: 0.02%/°C.
Humidity: Up to 95% RH, Non-Condensing.
Case: Aluminum baseplate.
Industrial Grade.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise spec.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full-Load (F-L) to Half-Load(H-L)at nominal input.
(4) Correct fuse size by calculating the max. DC current drain at low Line input & adding 20-25% for desired fuse size.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 100-150W continuous.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ±1.0%.
Noise & Ripple: Typ. 120mV, peak to peak.
OVP: Built-in.
Adjustability: Factory set.
Overload Protection (OLP): Fully protected against
overload and short circuit. Typical 130% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Range: Wide 2:1 Input DC Range 18-36Vdc.
Input Voltage: Nominal 24Vdc.
Input Current: Typ. 6.85A full load and 0.06A no-load
@ 24Vdc nominal input.
Input Fuse: Use external fuse.
Inrush Current: Peak 20A @ 24Vdc.
Input Filter: Pi-Network for EMI suppression.
Under-Voltage Protection (UVP): Lock-out activated at
17.8 Vdc input.
Input Reflected Ripple Current: 28.4mA pk-pk @24 Vdc.
Isolation Voltage: 1,500Vdc input-output.
Remote On/Off: TTL/CMOS-Compatible input control.
Logic input reference to -Vin.
Logic [1]/Open(or 2.4Vdc above -Vin)=ON.
Logic [0]/Short(or 0~0.08Vdc above -Vin)=OFF.


Similar Part No. - APS100DH

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
APS1032CN PENTAIR-APS1032CN Datasheet
360Kb / 4P
VELCRO ® CABLE WRAP
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
Fast Transient 600mA Step-Down Converter
APS1056IGV-0.6-T1 ANALOGICTECH-APS1056IGV-0.6-T1 Datasheet
629Kb / 20P
Fast Transient 600mA Step-Down Converter
APS1056IGV-1.8-T1 ANALOGICTECH-APS1056IGV-1.8-T1 Datasheet
629Kb / 20P
Fast Transient 600mA Step-Down Converter
More results

Similar Description - APS100DH

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
HITRON ELECTRONICS CORP...
HDH100-24B HITRON-HDH100-24B Datasheet
335Kb / 2P
ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
logo
Power Mate Technology C...
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
logo
Wall Industries,Inc.
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
GAPTEC Electronic GmbH ...
100HBAW GAPTEC-100HBAW Datasheet
463Kb / 3P
100W Half-Brick - Single/Dual Output DC-DC Converter - Wide Input -
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com